Electronic Components Datasheet Search
  English  ▼

X  

CS4397 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4397 Datasheet HTML 13Page - Cirrus Logic CS4397 Datasheet HTML 14Page - Cirrus Logic CS4397 Datasheet HTML 15Page - Cirrus Logic CS4397 Datasheet HTML 16Page - Cirrus Logic CS4397 Datasheet HTML 17Page - Cirrus Logic CS4397 Datasheet HTML 18Page - Cirrus Logic CS4397 Datasheet HTML 19Page - Cirrus Logic CS4397 Datasheet HTML 20Page - Cirrus Logic CS4397 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
CS4397
DS333PP1
17
3.3 MODE SELECT
Mode Control Register (address 01h)
Access:
R/W in I2C and SPI.
Default:
00000
Function:
The Mode Select pins determine the operational mode of the device as detailed in Tables 9-14. The op-
tions include:
Selection of the Digital Interface Format which determines the required relationship between the
Left/Right clock, serial clock and serial data as detailed in Figures 29-33
Selection of the standard 15
µs/50 µs digital de-emphasis filter response, Figure 28, which requires re-
configuration of the digital filter to maintain the proper filter response for 32, 44.1 or 48 kHz sample rates.
Selection of the appropriate clocking mode to match the input sample rates.
Access to the Direct Stream Digital Mode
Access to the 8x Interpolation Input Mode
3.4 POWER DOWN
Mode Control Register (address 01h)
Access:
R/W in I2C and SPI.
Default:
1 - Powered Down
Function:
The analog and digital sections will be placed into a power-down mode when this function is enabled. This
bit must be cleared to resume normal operation.
765
4321
0
CAL
MUTE
M4
M3
M2
M1
M0
PDN
765
4321
0
CAL
MUTE
M4
M3
M2
M1
M0
PDN
PDN
MODE
0
Disabled
1
Enabled
Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com