Electronic Components Datasheet Search
  English  ▼

X  

CS4397 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4397 Datasheet HTML 1Page - Cirrus Logic CS4397 Datasheet HTML 2Page - Cirrus Logic CS4397 Datasheet HTML 3Page - Cirrus Logic CS4397 Datasheet HTML 4Page - Cirrus Logic CS4397 Datasheet HTML 5Page - Cirrus Logic CS4397 Datasheet HTML 6Page - Cirrus Logic CS4397 Datasheet HTML 7Page - Cirrus Logic CS4397 Datasheet HTML 8Page - Cirrus Logic CS4397 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CS4397
DS333PP1
5
ANALOG CHARACTERISTICS (Continued)
Notes: 3. Valid with the recommended capacitor values on FILT+ and CMOUT as shown in Figure 1. Increasing
the capacitance will also increase the PSRR.
Parameter
Symbol
VD = 3 V
VD = 5 V
Unit
Power Supplies
Min
Typ
Max Min
Typ
Max
Supply Current
normal operation
VA = 5 V
normal operation
power-down state
IA
ID
ID + IA
-
-
-
20
TBD
60
TBD
TBD
-
-
-
-
20
TBD
30
TBD
TBD
-
mA
mA
µA
Power Dissipation
normal operation
VA = 5 V
power-down
-
-
TBD
0.3
TBD
-
-
-
TBD
0.3
TBD
-
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 3)
(120 Hz)
PSRR
-
-
60
40
-
-
-
-
60
40
-
-
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
Analog Output
Full Scale Differential Output Voltage
TBD
1.4VREF
TBD
Vpp
Common Mode Voltage
-
0.5VREF
-
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Differential DC Offset
-
2.0
TBD
mV
AC-Load Resistance
RL
1-
-
k
Ω
Load Capacitance
CL
--
100
pF
Interchannel Isolation
(1 kHz)
-
90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com