Electronic Components Datasheet Search
  English  ▼

X  

CS4397 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4397 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4397 Datasheet HTML 10Page - Cirrus Logic CS4397 Datasheet HTML 11Page - Cirrus Logic CS4397 Datasheet HTML 12Page - Cirrus Logic CS4397 Datasheet HTML 13Page - Cirrus Logic CS4397 Datasheet HTML 14Page - Cirrus Logic CS4397 Datasheet HTML 15Page - Cirrus Logic CS4397 Datasheet HTML 16Page - Cirrus Logic CS4397 Datasheet HTML 17Page - Cirrus Logic CS4397 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
CS4397
14
DS333PP1
SWITCHING CHARACTERISTICS - CONTROL PORT
(TA = 25 °C; VD = 5.25 V to 3.0 Volts; Inputs: logic 0 = AGND, logic 1 = VD, CL = 30 pF)
Notes: 12. tspi only needed before first falling edge of CS after RST rising edge. tspi = 0 at all other times.
13. Data must be held for sufficient time to bridge the transition time of CCLK.
14. For FSCK < 1 MHz
Parameter
Symbol
Min
Max
Unit
SPI Mode
CCLK Clock Frequency
fsclk
-6
MHz
RST Rising Edge to CS Falling
tsrs
500
-
ns
CCLK Edge to CS Falling
(Note 12)
tspi
500
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 13)
tdh
15
-
ns
Rise Time of CCLK and CDIN
(Note 14)
tr2
-100
ns
Fall Time of CCLK and CDIN
(Note 14)
tf2
-100
ns
CCLK Falling to CDOUT valid
tov
45
ns
t r2
t f2
t dsu t dh
t sch
t scl
CS
CCLK
t css
t csh
t spi
t srs
RST
t ov
CDIN
CDOUT
Figure 5. SPI Control Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com