Electronic Components Datasheet Search
  English  ▼

X  

CS49400 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS49400
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49400 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS49400 Datasheet HTML 86Page - Cirrus Logic CS49400 Datasheet HTML 87Page - Cirrus Logic CS49400 Datasheet HTML 88Page - Cirrus Logic CS49400 Datasheet HTML 89Page - Cirrus Logic CS49400 Datasheet HTML 90Page - Cirrus Logic CS49400 Datasheet HTML 91Page - Cirrus Logic CS49400 Datasheet HTML 92Page - Cirrus Logic CS49400 Datasheet HTML 93Page - Cirrus Logic CS49400 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
90
Digital-audio frame clock input. FLRCLKN1 typically is run at the sampling frequency.
FLRCLKN1 operates asynchronously from all other DSPAB clocks. The polarity of FLRCLKN1
for a particular subframe can be programmed by the DSP.
BIDIRECTIONAL - Default: INPUT
FSDATAN1 — PCM Audio Data Input One
Digital-audio data input that can accept from one compressed line or 2 channels of PCM data.
FSDATAN1 can be sampled with either edge of FSCLKN1, depending on how FSCLKN1 has
been configured. INPUT
CMPCLK, FSCLKN2 — PCM Audio Input Bit Clock
Digital-audio bit clock input. FSCLKN2 operates asynchronously from all other DSPAB clocks.
Theactiveedgeof FSCLKN2 canbeprogrammedby the DSP.
BIDIRECTIONAL - Default: INPUT
CMPDAT, FSDATAN2 — PCM Audio Data Input Number Two
Digital-audio data input that can accept either one compressed line or 2 channels of PCM
data. FSDATAN2 can be sampled with either edge of FSCLKN2, depending on how FSCLKN2
has been configured.
BIDIRECTIONAL - Default: INPUT
FDBCK — Reserved
This pin is reserved and should be pulled up with an external 3.3k resistor. INPUT
FDBDA — Reserved
This pin is reserved and should be pulled up with an external 3.3k resistor.
BIDIRECTIONAL - Default: INPUT
PLLVDD — PLL Supply Voltage
2.5 V PLL supply.
PLLVSS — PLL Ground Voltage
PLL ground.
RESET — Master Reset Input
Asynchronous active-low master reset input. Reset should be low at power-up to initialize the
DSP and to guarantee that the device is not active during initial power-on stabilization periods.
At the rising edge of reset the host interface mode of DSPAB is selected contingent on the
stateof the FHS0, FHS1, and FHS2 pins. At therisingedgeof reset thehost interface mode
of DSPC is selected contingent on the state of the UHSO, UHS1, and UHS2 pins. If reset is
low all bidirectional pins are high-Z inputs. INPUT
TEST — Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com