Electronic Components Datasheet Search
  English  ▼

X  

DS1780 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1780
Description  CPU Peripheral Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1780 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1780 Datasheet HTML 2Page - Dallas Semiconductor DS1780 Datasheet HTML 3Page - Dallas Semiconductor DS1780 Datasheet HTML 4Page - Dallas Semiconductor DS1780 Datasheet HTML 5Page - Dallas Semiconductor DS1780 Datasheet HTML 6Page - Dallas Semiconductor DS1780 Datasheet HTML 7Page - Dallas Semiconductor DS1780 Datasheet HTML 8Page - Dallas Semiconductor DS1780 Datasheet HTML 9Page - Dallas Semiconductor DS1780 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DS1780
6 of 28
2-WIRE SERIAL COMMUNICATION WITH THE DS1780 Figure 2
OPERATION - Power-on
Applying power to the DS1780 causes a reset of several of the registers. Power-on conditions of the
registers are shown in Table 2 above. Some registers have indeterminate power-on values, such as the
Limit and RAM registers of the Value RAM page, and these are not shown in the table. Upon power-up
the ADC is inactive. Writing Limits into the Value RAM should usually be the first action performed
after power up. The RST pin is bi-directional. It forces RESET at power-on, but can also be pulled low to
force RESET internally.
OPERATION - Resets
The DS1780 features four distinct resetting functions. Each one has a different effect on register contents
and the state of the RST output following the event. Each one is explained below:
Power-on Reset - On POR, all internal logic is reset, and registers are cleared to their default state (see
tables 10.x). Because Value RAM is typically the first area programmed upon power-up, it does not have
a defined state upon POR. Also, on POR, the RST output will be pulled to an active low state for 20 ms
(minimum).
A POR occurs every time VDD crosses the voltage level approximately equivalent to the sum of one n-
channel threshold (VTN) and one p-channel threshold (VTP), on a power-up or power-down condition.
DS1780 SRAM contents get “scrambled” when VDD falls below the greater of one n-channel VT or one p-
channel VT. Therefore, SRAM contents will always be in a defined state as supply voltage reaches the
minimum spec level of 2.8V, even in a power supply brownout condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com