Electronic Components Datasheet Search
  English  ▼

X  

DS1780 Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS1780
Description  CPU Peripheral Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1780 Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS1780 Datasheet HTML 20Page - Dallas Semiconductor DS1780 Datasheet HTML 21Page - Dallas Semiconductor DS1780 Datasheet HTML 22Page - Dallas Semiconductor DS1780 Datasheet HTML 23Page - Dallas Semiconductor DS1780 Datasheet HTML 24Page - Dallas Semiconductor DS1780 Datasheet HTML 25Page - Dallas Semiconductor DS1780 Datasheet HTML 26Page - Dallas Semiconductor DS1780 Datasheet HTML 27Page - Dallas Semiconductor DS1780 Datasheet HTML 28Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
DS1780
24 of 28
DC ELECTRICAL CHARACTERISTICS:
Fan RPM-to-Digital Converter
(-40°C to +125°C, 2.8V
≤ V
DD
≤ 5.75V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
0°C
≤TA
≤100°C
±6
Accuracy
-40°C
≤TA
≤+125°C
±12
%
Full scale count
255
decimal
Divisor=1; Fan
Count=153
8800
Divisor=2; Fan
Count=153
4400
Divisor=4; Fan
Count=153
2200
FAN1 & FAN2
Normal Input RPM
Divisor=8; Fan
Count=153
1100
RPM
8
Internal Oscillator
Frequency
+25°C
≤TA
≤+75°C
21.15
22.5
23.85
kHz
DC ELECTRICAL CHARACTERISTICS:
Analog Output VOUT
(-40°C to +125°C, 2.8V
≤ V
DD
≤ 5.75V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
DAC Resolution
8
bits
Voltage Range
0
1.25
V
Error
DACERR
±5
% of
FSR
Output Current
IOUT
2.0
mA
Load Capacitance
CLOAD
100
pF
DC ELECTRICAL CHARACTERISTICS:
Digital Outputs: A0NTOUT
(-40°C to +125°C, 2.8V
≤ V
DD
≤ 5.75V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
IOUT=±5 mA at
VDD=4.25V
Logical “1”
Output Voltage
VOUT(1)
IOUT=±3 mA at
VDD=2.85V
2.4
V
IOUT=±5 mA at
VDD=5.75V
Logical “0”
Output Voltage
VOUT(0)
IOUT=±3 mA at
VDD=3.45V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com