Electronic Components Datasheet Search
  English  ▼

X  

DS1780 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1780
Description  CPU Peripheral Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1780 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1780 Datasheet HTML 1Page - Dallas Semiconductor DS1780 Datasheet HTML 2Page - Dallas Semiconductor DS1780 Datasheet HTML 3Page - Dallas Semiconductor DS1780 Datasheet HTML 4Page - Dallas Semiconductor DS1780 Datasheet HTML 5Page - Dallas Semiconductor DS1780 Datasheet HTML 6Page - Dallas Semiconductor DS1780 Datasheet HTML 7Page - Dallas Semiconductor DS1780 Datasheet HTML 8Page - Dallas Semiconductor DS1780 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DS1780
2 of 28
DESCRIPTION
The DS1780 is a highly integrated system instrumentation monitor ideal for use in personal computers, or
any microprocessor-based system. It monitors ambient temperature, six power supply voltages, and the
speed of two fans. Fan speed can also be controlled with the use of an internal 8-bit DAC. All
measurements are internally converted to a digital format for easy processing by the CPU.
The DS1780 can be reset to its default power-up state via a remote reset function with internal debounce
and delay. It features an interrupt that can be programmed to become active should any of the functions
the DS1780 is monitoring fall out of spec.
For board-level testability, an internal NAND TREE function simplifies the system design. A chassis
intrusion input is featured to enhance system security.
Programming and data readout are accessed via a simple 2-wire interface with 2-bit addressability. The
DS1780 power supply range of 2.8V to 5.75V allows for monitoring of parameters for 3V or 5V systems.
The DS1780 is assembled in a compact 173-mil TSSOP package.
Detailed Pin Description Table 1
PIN
SIGNAL
DIRECTION
DESCRIPTION
1A0/NTOUT
Digital I/O
The lowest order programmable bit of the 2-wire bus address. This pin
functions as an output when doing a NAND TREE test.
2
A1
Digital Input
The highest order programmable bit of the 2-wire bus address.
3
SDA
Digital I/O
2-wire bus bi-directional data. Open-drain output.
4
SCL
Digital Input
2-wire bus synchronous clock.
5
FAN1
Digital Input
0 to VDD amplitude fan tachometer input.
6
FAN2
Digital Input
0 to VDD amplitude fan tachometer input.
7
CHS
Digital I/O
An active high input from an external circuit, which latches a Chassis
Intrusion event. This line can go high without any clamping action regardless
of the powered state of the DS1780. The DS1780 provides an internal open
drain on this line, controlled by Bit 6 of Configuration Register, to provide a
minimum 20 ms reset of this signal.
8
GNDD
GROUND
Internally connected to all digital circuitry.
9VDD
POWER
+3.3V or +5V VDD power. Bypass with the parallel combination of 10 µF
(Electrolytic or Tantalum) and 0.1 µF (ceramic) bypass capacitors.
10
INT
Digital Output
Active-low Programmable interrupt output. The output is enabled when Bit 1
of the Configuration Register is set to 1. The default state is disabled.
11
VOUT/NTIN
Digital Input/
Analog Output
An active-high input that enables NAND Tree board-level connectivity
testing. Refer to “NAND Tree Testing” Section. Used as DAC output when
NAND Tree is not selected.
12
RST
Digital I/O
Master Reset, 5 mA open drain driver, active low output with at least a 20 ms
minimum pulse width. Available when enabled via Bit 4 in Configuration
Register. This is a bi-directional I/O pin. It acts as power on RESET input.
13
GNDA
GROUND
Internally connected to all analog circuitry. The ground reference for all
analog inputs.
14
+2.5VS/+VCCP2
Analog Input
Analog input for monitoring -12V or +VCCP2. DS1780 will measure voltages
on this pin from 0V to 3.6V. An external resistor ladder is required for
monitoring a -12V supply (see Figure 1).
15-19
+xxVIN
Analog Inputs
A/D inputs for 5 positive voltages.
20-24
VIDx
Digital Inputs
Voltage supply readouts from the processor. These values are read in the VID
and VID4 Status Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com