Electronic Components Datasheet Search
  English  ▼

X  

DS1780 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1780
Description  CPU Peripheral Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1780 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1780 Datasheet HTML 1Page - Dallas Semiconductor DS1780 Datasheet HTML 2Page - Dallas Semiconductor DS1780 Datasheet HTML 3Page - Dallas Semiconductor DS1780 Datasheet HTML 4Page - Dallas Semiconductor DS1780 Datasheet HTML 5Page - Dallas Semiconductor DS1780 Datasheet HTML 6Page - Dallas Semiconductor DS1780 Datasheet HTML 7Page - Dallas Semiconductor DS1780 Datasheet HTML 8Page - Dallas Semiconductor DS1780 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1 of 28
111999
FEATURES
Direct-to-digital temperature sensor requires
no external components or user calibration
Two fan speed sensors
Monitors 6 power supply voltages
8-bit DAC for fan speed control
Intrusion detect for security (detects when
chassis lid has been removed, even if power is
off)
Remote system reset
System interrupt availability on all monitored
functions (temperature, voltages, fan speed,
chassis intrusion)
2-wire interface with 2-bit addressability
Integrated NAND TREE for board level
testability
Wide power supply range (2.8V
≤ VDD ≤
5.75V)
High integration in a small 24-pin 173-mil
TSSOP
Applications include monitoring of personal
computers or any microprocessor-based
system
PIN ASSIGNMENT
PIN DESCRIPTION
A0/NTOUT
- Address Input / NAND
TREE
Output
A1
- Address Input
SDA
- 2-Wire Serial Data
Input/Output
SCL
- 2-Wire Serial Clock
FANx
- Tachometer Inputs
CHS
- Chassis Intrusion Detector
Input
GNDD
- Digital Ground
VDD
- Power Supply Voltage (2.8V
to 5.75V)
INT
- Hardware Interrupt output
VOUT/NTIN
- DAC output / NAND TREE
Input
RST
- Remote System Reset
GNDA
- Analog Ground
+xxVIN
- Positive Voltage Inputs
+2.5VS/+VCCP2
- Positive/negative Voltage
Input
VIDx
- Processor Voltage Supply
Readout Inputs
DS1780
CPU Peripheral Monitor
www.dalsemi.com
DS1780E
24-Pin TSSOP (173-mil)
23
VID0
VID
VID2
VID3
VID4
+VCCP1
+2.5 VIN
+3.3 VIN
+5 VIN
+12 VIN
+2.5 VS/+VCCP2
GNDA
1
2
3
4
5
6
7
8
9
10
11
12
24
22
21
20
19
18
17
16
15
14
13
SDA
FAN1
CHS
GNDD
VDD
INT
VOUT/NTIN
RST
A1
SCL
FAN2
A0/NTOUT


Similar Part No. - DS1780

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1780 MAXIM-DS1780 Datasheet
343Kb / 28P
CPU Peripheral Monitor
032305
More results

Similar Description - DS1780

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
May 25, 2006
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
August 25, 2008
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
logo
Maxim Integrated Produc...
DS1780 MAXIM-DS1780 Datasheet
343Kb / 28P
CPU Peripheral Monitor
032305
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com