Electronic Components Datasheet Search
  English  ▼

X  

DS1780 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS1780
Description  CPU Peripheral Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1780 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS1780 Datasheet HTML 18Page - Dallas Semiconductor DS1780 Datasheet HTML 19Page - Dallas Semiconductor DS1780 Datasheet HTML 20Page - Dallas Semiconductor DS1780 Datasheet HTML 21Page - Dallas Semiconductor DS1780 Datasheet HTML 22Page - Dallas Semiconductor DS1780 Datasheet HTML 23Page - Dallas Semiconductor DS1780 Datasheet HTML 24Page - Dallas Semiconductor DS1780 Datasheet HTML 25Page - Dallas Semiconductor DS1780 Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
DS1780
22 of 28
4. This register will latch an 8-bit value into an R-2R D/A to provide a range of 0-1.25 volts; accuracy
can be ±5% or more.
5. This location will contain the company identification number which will be used by software to
determine analog voltage curves; this register is read only.
6. This location will contain the stepping number of the part; this register is read only.
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD
(GNDD-0.3V) to +6.5V
Voltage on any other pin (except Analog Inputs)
(GNDD-0.3V) to (VDD + 0.3V)
Voltage at +12VIN pin
(GNDD-0.3V) to 18V
Voltage at other Analog input pins
(GNDD-0.3V) to 7.0V
Ground Difference (GNDD-GNDA)
±0.3V
Input Current at any Pin (Note 2)
±5 mA
Package Input Current (Note 2)
±20 mA
Operating Temperature
-40°C to +125°C
Storage Temperature
-65°C to +150°C
ESD Susceptibility (Human Body Model)
2kV
Soldering Temperature (Note 3)
215°C for 60 seconds (Vapor Phase)
220°C for 15 seconds (IR)
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS1780 is built to the highest quality standards and manufactured for long
term reliability. All Dallas Semiconductor devices are made using the same quality materials and
manufacturing methods. However, the DS1780 is not exposed to environmental stresses, such as burn-in,
that some industrial applications require. For specific reliability information on this product, please
contact the factory in Dallas at (972) 371-4448.
RECOMMENDED DC OPERATING CONDITIONS
(-40°C to +125°C, 2.8V
≤ V
DD
≤ 5.75V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.8
5.75
V
Ground Difference
∆GND
IGNDD-
GNDAI
0.1
V
Digital
Input Voltage
VIND
-0.05
VDD+0.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com