Electronic Components Datasheet Search
  English  ▼

X  

DS1780 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1780
Description  CPU Peripheral Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1780 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1780 Datasheet HTML 4Page - Dallas Semiconductor DS1780 Datasheet HTML 5Page - Dallas Semiconductor DS1780 Datasheet HTML 6Page - Dallas Semiconductor DS1780 Datasheet HTML 7Page - Dallas Semiconductor DS1780 Datasheet HTML 8Page - Dallas Semiconductor DS1780 Datasheet HTML 9Page - Dallas Semiconductor DS1780 Datasheet HTML 10Page - Dallas Semiconductor DS1780 Datasheet HTML 11Page - Dallas Semiconductor DS1780 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
DS1780
8 of 28
DS1780 MONITORING ORDER Table 3
TEMPERATURE READING
ANALOG +2.5 VS/VCCP2
ANALOG +12V
ANALOG +5V
ANALOG +3.3V
ANALOG +2.5V
ANALOG +VCCP1
FAN1
FAN2
If conversions are terminated by either of the methods described in the “OPERATION - Configuration
Register” section, the current “round-robin” loop will be completed and the results stored in RAM.
Monitoring will then terminate. When the monitoring again commences, monitoring always starts with
the temperature reading.
OPERATION - Temperature Data Format
The DS1780 internally converts measured temperature data to a two’s complement data format (in °C).
The host can read the last completed temperature conversion at any time by setting the Internal Address
Register pointer to location 27h, and reading the 8 bits in the register. The format of the data is shown
below in Table 4. The MSb of the register represents the sign bit of the temperature reading. For
Fahrenheit usage, a lookup table or conversion routine must be used.
TEMPERATURE/DATA RELATIONSHIPS Table 4
S26
25
24
23
22
21
20
MSb
(unit = °C)
LSb
TEMPERATURE
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT (HEX)
+125°C
0111 1101
7Dh
+25°C
0001 1001
19h
+1°C
0000 0001
01h
0°C
0000 0000
00h
-1°C
1111 1111
FFh
-25°C
1110 0111
E7h
-40°C
1101 1000
D8h
OPERATION - Voltage Data Format
The DS1780 contains inputs for directly monitoring the power supplies typically found in a PC (+12V, -
12V, +5V, +3.3V, +2.5V, +VCCP). These inputs are scaled internally to a reference source, and converted
via an 8-bit Delta-Sigma ADC (Analog-to-Digital Converter), thus allowing for a more accurate means of
measurement since the voltages are referenced to a known value.
Since these inputs can be greater than VDD, they are not diode protected to the power rails. In addition,
small external series resistors such as 510Ω should be put into the lines driving the DS1780 to prevent
damaging the traces or power supplies should an accidental short connect two power supplies together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com