Electronic Components Datasheet Search
  English  ▼

X  

DS1820 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1820
Description  1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1820 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1820 Datasheet HTML 1Page - Dallas Semiconductor DS1820 Datasheet HTML 2Page - Dallas Semiconductor DS1820 Datasheet HTML 3Page - Dallas Semiconductor DS1820 Datasheet HTML 4Page - Dallas Semiconductor DS1820 Datasheet HTML 5Page - Dallas Semiconductor DS1820 Datasheet HTML 6Page - Dallas Semiconductor DS1820 Datasheet HTML 7Page - Dallas Semiconductor DS1820 Datasheet HTML 8Page - Dallas Semiconductor DS1820 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DS1820
1–WireTM Digital Thermometer
DS1820
030598 1/27
FEATURES
• Unique 1–WireTM interface requires only one port pin
for communication
• Multidropcapabilitysimplifiesdistributedtemperature
sensing applications
• Requires no external components
• Can be powered from data line
• Zero standby power required
• Measures temperatures from –55°C to +125°C in
0.5
°C increments. Fahrenheit equivalent is –67°F to
+257
°F in 0.9°F increments
• Temperature is read as a 9–bit digital value.
• Converts temperature to digital word in 200 ms (typ.)
• User–definable, nonvolatile temperature alarm set-
tings
• Alarm search command identifies and addresses
devices whose temperature is outside of pro-
grammed limits (temperature alarm condition)
• Applications include thermostatic controls, industrial
systems, consumer products, thermometers, or any
thermally sensitive system
PIN ASSIGNMENT
3
2
1
DALLAS
DS2434
DALLAS
DS1820
3
2
1
DS1820S
16–PIN SSOP
DS1820
PR35 PACKAGE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
NC
NC
NC
NC
NC
GND
NC
NC
NC
NC
NC
NC
VDD
DQ
BOTTOM VIEW
See Mech. Drawings
Section
See Mech. Drawings
Section
PIN DESCRIPTION
GND
– Ground
DQ
– Data In/Out
VDD
– Optional VDD
NC
– No Connect
DESCRIPTION
The DS1820 Digital Thermometer provides 9–bit tem-
perature readings which indicate the temperature of the
device.
Information is sent to/from the DS1820 over a 1–Wire
interface, so that only one wire (and ground) needs to be
connected from a central microprocessor to a DS1820.
Power for reading, writing, and performing temperature
conversions can be derived from the data line itself with
no need for an external power source.
Because each DS1820 contains a unique silicon serial
number, multiple DS1820s can exist on the same
1–Wire bus. This allows for placing temperature sen-
sors in many different places. Applications where this
feature is useful include HVAC environmental controls,
sensing temperatures inside buildings, equipment or
machinery, and in process monitoring and control.


Similar Part No. - DS1820

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
DS1820 SYC-DS1820 Datasheet
129Kb / 27P
1–WireTM Digital Thermometer
More results

Similar Description - DS1820

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
High Precision 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS18B20-PAR MAXIM-DS18B20-PAR_07 Datasheet
227Kb / 19P
1-Wire Parasite-Power Digital Thermometer
101207
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
1-Wire Parasite-Power Digital Thermometer
111803
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
High-Precision 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com