Electronic Components Datasheet Search
  English  ▼

X  

DS1820 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1820
Description  1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1820 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1820 Datasheet HTML 1Page - Dallas Semiconductor DS1820 Datasheet HTML 2Page - Dallas Semiconductor DS1820 Datasheet HTML 3Page - Dallas Semiconductor DS1820 Datasheet HTML 4Page - Dallas Semiconductor DS1820 Datasheet HTML 5Page - Dallas Semiconductor DS1820 Datasheet HTML 6Page - Dallas Semiconductor DS1820 Datasheet HTML 7Page - Dallas Semiconductor DS1820 Datasheet HTML 8Page - Dallas Semiconductor DS1820 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DS1820
030598 4/27
USING VDD TO SUPPLY TEMPERATURE CONVERSION CURRENT Figure 3
+5V
DS1820
I/O
4.7K
µP
VDD
TO OTHER 1–WIRE
DEVICES
EXTERNAL +5V SUPPLY
OPERATION – MEASURING TEMPERATURE
The DS1820 measures temperature through the use of
an on–board proprietary temperature measurement
technique. A block diagram of the temperature mea-
surement circuitry is shown in Figure 4.
The DS1820 measures temperature by counting the
number of clock cycles that an oscillator with a low tem-
perature coefficient goes through during a gate period
determined by a high temperature coefficient oscillator.
The counter is preset with a base count that corre-
sponds to –55
°C. If the counter reaches zero before the
gate period is over, the temperature register, which is
also preset to the –55
°C value, is incremented, indicat-
ing that the temperature is higher than –55
°C.
At the same time, the counter is then preset with a value
determined by the slope accumulator circuitry. This cir-
cuitry is needed to compensate for the parabolic behav-
ior of the oscillators over temperature. The counter is
then clocked again until it reaches zero. If the gate
period is still not finished, then this process repeats.
The slope accumulator is used to compensate for the
non–linear behavior of the oscillators over temperature,
yielding a high resolution temperature measurement.
This is done by changing the number of counts neces-
sary for the counter to go through for each incremental
degree in temperature. To obtain the desired resolution,
therefore, both the value of the counter and the number
of counts per degree C (the value of the slope accumu-
lator) at a given temperature must be known.
Internally, this calculation is done inside the DS1820 to
provide 0.5
°C resolution. The temperature reading is
provided in a 16–bit, sign–extended two’s complement
reading. Table 1 describes the exact relationship of out-
put data to measured temperature. The data is trans-
mitted serially over the 1–Wire interface. The DS1820
can measure temperature over the range of –55
°C to
+125
°C in 0.5°C increments. For Fahrenheit usage, a
lookup table or conversion factor must be used.
Note that temperature is represented in the DS1820 in
terms of a 1/2°C LSB, yielding the following 9–bit format:
MSB
LSB
1
1
1
0
0
1
1
1
0
= –25
°C
The most significant (sign) bit is duplicated into all of the
bits in the upper MSB of the two–byte temperature reg-
ister in memory. This “sign–extension” yields the 16–bit
temperature readings as shown in Table 1.
Higher resolutions may be obtained by the following
procedure. First, read the temperature, and truncate
the 0.5
°C bit (the LSB) from the read value. This value is
TEMP_READ. The value left in the counter may then be
read.
This
value
is
the
count
remaining
(COUNT_REMAIN) after the gate period has ceased.
The last value needed is the number of counts per
degree C (COUNT_PER_C) at that temperature. The
actual temperature may be then be calculated by the
user using the following:
TEMPERATURE = TEMP_READ – 0.25
)
(COUNT_PER_C – COUNT_REMAIN)
COUNT_PER_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com