Electronic Components Datasheet Search
  English  ▼

X  

DS1820 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1820
Description  1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1820 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1820 Datasheet HTML 6Page - Dallas Semiconductor DS1820 Datasheet HTML 7Page - Dallas Semiconductor DS1820 Datasheet HTML 8Page - Dallas Semiconductor DS1820 Datasheet HTML 9Page - Dallas Semiconductor DS1820 Datasheet HTML 10Page - Dallas Semiconductor DS1820 Datasheet HTML 11Page - Dallas Semiconductor DS1820 Datasheet HTML 12Page - Dallas Semiconductor DS1820 Datasheet HTML 13Page - Dallas Semiconductor DS1820 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
DS1820
030598 10/27
Read ROM [33h]
This command allows the bus master to read the
DS1820’s 8–bit family code, unique 48–bit serial num-
ber, and 8–bit CRC. This command can only be used if
there is a single DS1820 on the bus. If more than one
slave is present on the bus, a data collision will occur
when all slaves try to transmit at the same time (open
drain will produce a wired AND result).
Match ROM [55h]
The match ROM command, followed by a 64–bit ROM
sequence, allows the bus master to address a specific
DS1820 on a multidrop bus. Only the DS1820 that
exactly matches the 64–bit ROM sequence will respond
to the following memory function command. All slaves
that do not match the 64–bit ROM sequence will wait for
a reset pulse. This command can be used with a single
or multiple devices on the bus.
Skip ROM [CCh]
This command can save time in a single drop bus sys-
tem by allowing the bus master to access the memory
functions without providing the 64–bit ROM code. If
more than one slave is present on the bus and a read
command is issued following the Skip ROM command,
data collision will occur on the bus as multiple slaves
transmit simultaneously (open drain pulldowns will pro-
duce a wired AND result).
Search ROM [F0h]
When a system is initially brought up, the bus master
might not know the number of devices on the 1–Wire
bus or their 64–bit ROM codes. The search ROM com-
mand allows the bus master to use a process of elimina-
tion to identify the 64–bit ROM codes of all slave devices
on the bus.
Alarm Search [ECh]
The flowchart of this command is identical to the Search
ROM command. However, the DS1820 will respond to
this command only if an alarm condition has been
encountered at the last temperature measurement. An
alarm condition is defined as a temperature higher than
TH or lower than TL. The alarm condition remains set as
long as the DS1820 is powered up, or until another tem-
perature measurement reveals a non–alarming value.
For alarming, the trigger values stored in EEPROM are
taken into account. If an alarm condition exists and the
TH or TL settings are changed, another temperature
conversion should be done to validate any alarm condi-
tions.
Example of a ROM Search
The ROM search process is the repetition of a simple
3–step routine: read a bit, read the complement of the
bit, then write the desired value of that bit. The bus mas-
ter performs this simple, 3–step routine on each bit of
the ROM. After one complete pass, the bus master
knows the contents of the ROM in one device. The
remaining number of devices and their ROM codes may
be identified by additional passes.
The following example of the ROM search process
assumes four different devices are connected to the
same 1–Wire bus. The ROM data of the four devices is
as shown:
ROM1
00110101...
ROM2
10101010...
ROM3
11110101...
ROM4
00010001...
The search process is as follows:
1. The bus master begins the initialization sequence by
issuing a reset pulse. The slave devices respond by
issuing simultaneous presence pulses.
2. The bus master will then issue the Search ROM
command on the 1–Wire bus.
3. The bus master reads a bit from the 1–Wire bus.
Each device will respond by placing the value of the
first bit of their respective ROM data onto the 1–Wire
bus.
ROM1 and ROM4 will place a 0 onto the
1–Wire bus, i.e., pull it low. ROM2 and ROM3 will
place a 1 onto the 1–Wire bus by allowing the line to
stay high. The result is the logical AND of all devices
on the line, therefore the bus master sees a 0. The
bus master reads another bit. Since the Search
ROM data command is being executed, all of the
devices on the 1–Wire bus respond to this second
read by placing the complement of the first bit of their
respective ROM data onto the 1–Wire bus. ROM1
and ROM4 will place a 1 onto the 1–Wire, allowing
the line to stay high. ROM2 and ROM3 will place a
0 onto the 1–Wire, thus it will be pulled low. The bus
master again observes a 0 for the complement of the
first ROM data bit. The bus master has determined
that there are some devices on the 1–Wire bus that
have a 0 in the first position and others that have a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com