Electronic Components Datasheet Search
  English  ▼

X  

DS1820 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1820
Description  1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1820 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1820 Datasheet HTML 1Page - Dallas Semiconductor DS1820 Datasheet HTML 2Page - Dallas Semiconductor DS1820 Datasheet HTML 3Page - Dallas Semiconductor DS1820 Datasheet HTML 4Page - Dallas Semiconductor DS1820 Datasheet HTML 5Page - Dallas Semiconductor DS1820 Datasheet HTML 6Page - Dallas Semiconductor DS1820 Datasheet HTML 7Page - Dallas Semiconductor DS1820 Datasheet HTML 8Page - Dallas Semiconductor DS1820 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
DS1820
030598 2/27
DETAILED PIN DESCRIPTION
PIN
16–PIN SSOP
PIN
PR35
SYMBOL
DESCRIPTION
9
1
GND
Ground.
8
2
DQ
Data Input/Output pin. For 1–Wire operation: Open drain. (See
“Parasite Power” section.)
7
3
VDD
Optional VDD pin. See “Parasite Power” section for details of
connection.
DS1820S (16–pin SSOP): All pins not specified in this table are not to be connected.
OVERVIEW
The block diagram of Figure 1 shows the major compo-
nents of the DS1820. The DS1820 has three main data
components: 1) 64–bit lasered ROM, 2) temperature
sensor, and 3) nonvolatile temperature alarm triggers
TH and TL. The device derives its power from the
1–Wire communication line by storing energy on an
internal capacitor during periods of time when the signal
line is high and continues to operate off this power
source during the low times of the 1–Wire line until it
returns high to replenish the parasite (capacitor) supply.
As an alternative, the DS1820 may also be powered
from an external 5 volts supply.
Communication to the DS1820 is via a 1–Wire port. With
the 1–Wire port, the memory and control functions will
not be available before the ROM function protocol has
been established. The master must first provide one of
five ROM function commands: 1) Read ROM, 2) Match
ROM, 3) Search ROM, 4) Skip ROM, or 5) Alarm
Search. These commands operate on the 64–bit
lasered ROM portion of each device and can single out
a specific device if many are present on the 1–Wire line
as well as indicate to the Bus Master how many and
what types of devices are present. After a ROM function
sequence has been successfully executed, the memory
and control functions are accessible and the master
may then provide any one of the six memory and control
function commands.
One control function command instructs the DS1820 to
perform a temperature measurement. The result of this
measurement will be placed in the DS1820’s scratch-
pad memory, and may be read by issuing a memory
function command which reads the contents of the
scratchpad memory. The temperature alarm triggers
TH and TL consist of one byte EEPROM each. If the
alarm search command is not applied to the DS1820,
these registers may be used as general purpose user
memory. Writing TH and TL is done using a memory
function command. Read access to these registers is
through the scratchpad. All data is read and written
least significant bit first.
DS1820 BLOCK DIAGRAM Figure 1
64–BIT ROM
SCRATCHPAD
MEMORY AND
CONTROL LOGIC
AND
1–WIRE PORT
TEMPERATURE SENSOR
8–BIT CRC
GENERATOR
POWER
SUPPLY
SENSE
DQ
VDD
INTERNAL VDD
HIGH TEMPERATURE
TRIGGER, TH
LOW TEMPERATURE
TRIGGER, TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com