Electronic Components Datasheet Search
  English  ▼

X  

DS1820 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1820
Description  1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1820 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1820 Datasheet HTML 1Page - Dallas Semiconductor DS1820 Datasheet HTML 2Page - Dallas Semiconductor DS1820 Datasheet HTML 3Page - Dallas Semiconductor DS1820 Datasheet HTML 4Page - Dallas Semiconductor DS1820 Datasheet HTML 5Page - Dallas Semiconductor DS1820 Datasheet HTML 6Page - Dallas Semiconductor DS1820 Datasheet HTML 7Page - Dallas Semiconductor DS1820 Datasheet HTML 8Page - Dallas Semiconductor DS1820 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DS1820
030598 5/27
TEMPERATURE MEASURING CIRCUITRY Figure 4
SLOPE ACCUMULATOR
PRESET
PRESET
COUNTER
COUNTER
=0
=0
STOP
INC
COMPARE
TEMPERATURE REGISTER
LOW TEMPERATURE
COEFFICIENT OSCILLATOR
HIGH TEMPERATURE
COEFFICIENT OSCILLATOR
SET/CLEAR
LSB
TEMPERATURE/DATA RELATIONSHIPS Table 1
TEMPERATURE
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+125
°C
00000000 11111010
00FA
+25
°C
00000000 00110010
0032h
+1/2°C
00000000 00000001
0001h
+0
°C
00000000 00000000
0000h
–1/2°C
11111111 11111111
FFFFh
–25
°C
11111111 11001110
FFCEh
–55
°C
11111111 10010010
FF92h
OPERATION – ALARM SIGNALING
After the DS1820 has performed a temperature conver-
sion, the temperature value is compared to the trigger
values stored in TH and TL. Since these registers are
8–bit only, the 0.5
°C bit is ignored for comparison. The
most significant bit of TH or TL directly corresponds to
the sign bit of the 16–bit temperature register. If the
result of a temperature measurement is higher than TH
or lower than TL, an alarm flag inside the device is set.
This flag is updated with every temperature measure-
ment. As long as the alarm flag is set, the DS1820 will
respond to the alarm search command. This allows
many DS1820s to be connected in parallel doing simul-
taneous temperature measurements. If somewhere the
temperature exceeds the limits, the alarming device(s)
can be identified and read immediately without having to
read non–alarming devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com