Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS18B20Z Datasheet HTML 2Page - Dallas Semiconductor DS18B20Z Datasheet HTML 3Page - Dallas Semiconductor DS18B20Z Datasheet HTML 4Page - Dallas Semiconductor DS18B20Z Datasheet HTML 5Page - Dallas Semiconductor DS18B20Z Datasheet HTML 6Page - Dallas Semiconductor DS18B20Z Datasheet HTML 7Page - Dallas Semiconductor DS18B20Z Datasheet HTML 8Page - Dallas Semiconductor DS18B20Z Datasheet HTML 9Page - Dallas Semiconductor DS18B20Z Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
DS18B20
6 of 27
64-BIT LASERED ROM
Each DS18B20 contains a unique ROM code that is 64-bits long. The first 8 bits are a 1-Wire family
code (DS18B20 code is 28h). The next 48 bits are a unique serial number. The last 8 bits are a CRC of
the first 56 bits. (See Figure 4.) The 64-bit ROM and ROM Function Control section allow the DS18B20
to operate as a 1-Wire device and follow the 1-Wire protocol detailed in the section “1-Wire Bus
System.” The functions required to control sections of the DS18B20 are not accessible until the ROM
function protocol has been satisfied. This protocol is described in the ROM function protocol flowchart
(Figure 5). The 1-Wire bus master must first provide one of five ROM function commands: 1) Read
ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM, or 5) Alarm Search. After a ROM function
sequence has been successfully executed, the functions specific to the DS18B20 are accessible and the
bus master may then provide one of the six memory and control function commands.
CRC GENERATION
The DS18B20 has an 8-bit CRC stored in the most significant byte of the 64-bit ROM. The bus master
can compute a CRC value from the first 56-bits of the 64-bit ROM and compare it to the value stored
within the DS18B20 to determine if the ROM data has been received error-free by the bus master. The
equivalent polynomial function of this CRC is:
CRC = X
8 + X5 + X4 + 1
The DS18B20 also generates an 8-bit CRC value using the same polynomial function shown above and
provides this value to the bus master to validate the transfer of data bytes. In each case where a CRC is
used for data transfer validation, the bus master must calculate a CRC value using the polynomial
function given above and compare the calculated value to either the 8-bit CRC value stored in the 64-bit
ROM portion of the DS18B20 (for ROM reads) or the 8-bit CRC value computed within the DS18B20
(which is read as a ninth byte when the scratchpad is read). The comparison of CRC values and decision
to continue with an operation are determined entirely by the bus master. There is no circuitry inside the
DS18B20 that prevents a command sequence from proceeding if the CRC stored in or calculated by the
DS18B20 does not match the value generated by the bus master.
The 1-Wire CRC can be generated using a polynomial generator consisting of a shift register and XOR
gates as shown in Figure 6. Additional information about the Dallas 1-Wire Cyclic Redundancy Check is
available in Application Note 27 entitled “Understanding and Using Cyclic Redundancy Checks with
Dallas Semiconductor Touch Memory Products.”
The shift register bits are initialized to 0. Then starting with the least significant bit of the family code,
1 bit at a time is shifted in. After the 8th bit of the family code has been entered, then the serial number is
entered. After the 48
th bit of the serial number has been entered, the shift register contains the CRC
value. Shifting in the 8 bits of CRC should return the shift register to all 0s.
64-BIT LASERED ROM Figure 4
8-BIT CRC CODE
48-BIT SERIAL NUMBER
8-BIT FAMILY CODE
(28h)
MSB
LSB MSB
LSB MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com