Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS18B20Z Datasheet HTML 19Page - Dallas Semiconductor DS18B20Z Datasheet HTML 20Page - Dallas Semiconductor DS18B20Z Datasheet HTML 21Page - Dallas Semiconductor DS18B20Z Datasheet HTML 22Page - Dallas Semiconductor DS18B20Z Datasheet HTML 23Page - Dallas Semiconductor DS18B20Z Datasheet HTML 24Page - Dallas Semiconductor DS18B20Z Datasheet HTML 25Page - Dallas Semiconductor DS18B20Z Datasheet HTML 26Page - Dallas Semiconductor DS18B20Z Datasheet HTML 27Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DS18B20
25 of 27
AC ELECTRICAL CHARACTERISTICS:
(-55°C to +125°C; VDD=3.0V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Temperature
Conversion
tCONV
9 bit
93.75
ms
Time
10 bit
187.5
11 bit
375
12 bit
750
Time Slot
tSLOT
60
120
µs
Recovery Time
tREC
1µs
Write 0 Low Time
rLOW0
60
120
µs
Write 1 Low Time
tLOW1
115
µs
Read Data Valid
tRDV
15
µs
Reset Time High
tRSTH
480
µs
Reset Time Low
tRSTL
480
µs
9
Presence Detect High
tPDHIGH
15
60
µs
Presence Detect Low
tPDLOW
60
240
µs
Capacitance
CIN/OUT
25
pF
NOTES:
1. All voltages are referenced to ground.
2. Logic one voltages are specified at a source current of 1 mA.
3. Logic zero voltages are specified at a sink current of 4 mA.
4. Active current refers to either temperature conversion or writing to the E
2 memory. Writing to E2
memory consumes approximately 200
µA for up to 10 ms.
5. Input load is to ground.
6. Standby current specified up to 70
°C. Standby current typically is 3 µA at 125°C.
7. To always guarantee a presence pulse under low voltage parasite power conditions, VILMAX may have
to be reduced to as much as 0.5V.
8. To minimize IDDS, DQ should be: GND
≤ DQ ≤ GND +0.3V or V
DD – 0.3V
≤ DQ ≤ V
DD.
9. Under parasite power, the max tRSTL before a power on reset occurs is 960
µS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com