Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS18B20Z Datasheet HTML 6Page - Dallas Semiconductor DS18B20Z Datasheet HTML 7Page - Dallas Semiconductor DS18B20Z Datasheet HTML 8Page - Dallas Semiconductor DS18B20Z Datasheet HTML 9Page - Dallas Semiconductor DS18B20Z Datasheet HTML 10Page - Dallas Semiconductor DS18B20Z Datasheet HTML 11Page - Dallas Semiconductor DS18B20Z Datasheet HTML 12Page - Dallas Semiconductor DS18B20Z Datasheet HTML 13Page - Dallas Semiconductor DS18B20Z Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
DS18B20
10 of 27
1-WIRE BUS SYSTEM
The 1-Wire bus is a system which has a single bus master and one or more slaves. The DS18B20
behaves as a slave.
The discussion of this bus system is broken down into three topics: hardware
configuration, transaction sequence, and 1-Wire signaling (signal types and timing).
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open
drain or 3-state outputs. The 1-Wire port of the DS18B20 (DQ pin) is open drain with an internal circuit
equivalent to that shown in Figure 9. A multidrop bus consists of a 1-Wire bus with multiple slaves
attached. The 1-Wire bus requires a pullup resistor of approximately 5 k
Ω.
HARDWARE CONFIGURATION Figure 9
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus
MUST be left in the idle state if the transaction is to resume. Infinite recovery time can occur between
bits so long as the 1-Wire bus is in the inactive (high) state during the recovery period. If this does not
occur and the bus is left low for more than 480
µs, all components on the bus will be reset.
TRANSACTION SEQUENCE
The protocol for accessing the DS18B20 via the 1-Wire port is as follows:
Initialization
ROM Function Command
Memory Function Command
Transaction/Data
+3V - +5V
4.7K
BUS MASTER
RX
TX
DS18B20 1-WIRE PORT
5 µA
Typ.
RX
TX
100 OHM
MOSFET
RX = RECEIVE
TX = TRANSMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com