Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS18B20Z Datasheet HTML 5Page - Dallas Semiconductor DS18B20Z Datasheet HTML 6Page - Dallas Semiconductor DS18B20Z Datasheet HTML 7Page - Dallas Semiconductor DS18B20Z Datasheet HTML 8Page - Dallas Semiconductor DS18B20Z Datasheet HTML 9Page - Dallas Semiconductor DS18B20Z Datasheet HTML 10Page - Dallas Semiconductor DS18B20Z Datasheet HTML 11Page - Dallas Semiconductor DS18B20Z Datasheet HTML 12Page - Dallas Semiconductor DS18B20Z Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DS18B20
9 of 27
R0, R1: Thermometer resolution bits. Table 3 below defines the resolution of the digital thermometer,
based on the settings of these 2 bits. There is a direct tradeoff between resolution and conversion time, as
depicted in the AC Electrical Characteristics. The factory default of these EEPROM bits is R0=1 and
R1=1 (12-bit conversions).
Thermometer Resolution Configuration Table 3
R1
R0
Thermometer
Resolution
Max Conversion
Time
0
0
9 bit
93.75 ms
(tconv/8)
0
1
10 bit
187.5 ms
(tconv/4)
1
0
11 bit
375 ms
(tconv/2)
1
1
12 bit
750 ms
(tconv)
DS18B20 MEMORY MAP Figure 8
TEMPERATURE LSB
TEMPERATURE MSB
TH/USER BYTE 1
TL/USER BYTE 2
CONFIG
RESERVED
RESERVED
CRC
TH/USER BYTE 1
TL/USER BYTE 2
RESERVED
SCRATCHPAD
BYTE
0
1
2
3
4
5
6
7
8
E
2 RAM
CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com