Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS18B20Z Datasheet HTML 14Page - Dallas Semiconductor DS18B20Z Datasheet HTML 15Page - Dallas Semiconductor DS18B20Z Datasheet HTML 16Page - Dallas Semiconductor DS18B20Z Datasheet HTML 17Page - Dallas Semiconductor DS18B20Z Datasheet HTML 18Page - Dallas Semiconductor DS18B20Z Datasheet HTML 19Page - Dallas Semiconductor DS18B20Z Datasheet HTML 20Page - Dallas Semiconductor DS18B20Z Datasheet HTML 21Page - Dallas Semiconductor DS18B20Z Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
DS18B20
18 of 27
INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES” Figure 11
DS18B20 COMMAND SET Table 4
INSTRUCTION
DESCRIPTION
PROTOCOL
1-WIRE BUS
AFTER ISSUING
PROTOCOL
NOTES
TEMPERATURE CONVERSION COMMANDS
Convert T
Initiates temperature
conversion.
44h
<read temperature busy
status>
1
MEMORY COMMANDS
Read Scratchpad
Reads bytes from
scratchpad and reads
CRC byte.
BEh
<read data up to 9 bytes>
Write Scratchpad
Writes bytes into
scratchpad at addresses 2
through 4 (TH and TL
temperature triggers and
config).
4Eh
<write data into 3 bytes
at addr. 2 through. 4>
3
Copy Scratchpad
Copies scratchpad into
nonvolatile memory
(addresses 2 through 4
only).
48h
<read copy status>
2
Recall E
2
Recalls values stored in
nonvolatile memory into
scratchpad (temperature
triggers).
B8h
<read temperature busy
status>
Read Power Supply
Signals the mode of
DS18B20 power supply
to the master.
B4h
<read supply status>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com