Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS18B20Z Datasheet HTML 15Page - Dallas Semiconductor DS18B20Z Datasheet HTML 16Page - Dallas Semiconductor DS18B20Z Datasheet HTML 17Page - Dallas Semiconductor DS18B20Z Datasheet HTML 18Page - Dallas Semiconductor DS18B20Z Datasheet HTML 19Page - Dallas Semiconductor DS18B20Z Datasheet HTML 20Page - Dallas Semiconductor DS18B20Z Datasheet HTML 21Page - Dallas Semiconductor DS18B20Z Datasheet HTML 22Page - Dallas Semiconductor DS18B20Z Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DS18B20
19 of 27
NOTES:
1. Temperature conversion takes up to 750 ms. After receiving the Convert T protocol, if the part does
not receive power from the VDD pin, the DQ line for the DS18B20 must be held high for at least a
period greater than tconv to provide power during the conversion process. As such, no other activity
may take place on the 1-Wire bus for at least this period after a Convert T command has been issued.
2. After receiving the Copy Scratchpad protocol, if the part does not receive power from the VDD pin, the
DQ line for the DS18B20 must be held high for at least 10 ms to provide power during the copy
process. As such, no other activity may take place on the 1-Wire bus for at least this period after a
Copy Scratchpad command has been issued.
3. All 3 bytes must be written before a reset is issued.
READ/WRITE TIME SLOTS
DS18B20 data is read and written through the use of time slots to manipulate bits and a command word to
specify the transaction.
Write Time Slots
A write time slot is initiated when the host pulls the data line from a high logic level to a low logic level.
There are two types of write time slots: Write 1 time slots and Write 0 time slots. All write time slots
must be a minimum of 60
µs in duration with a minimum of a 1-µs recovery time between individual
write cycles.
The DS18B20 samples the DQ line in a window of 15
µs to 60 µs after the DQ line falls. If the line is
high, a Write 1 occurs. If the line is low, a Write 0 occurs (see Figure 12).
For the host to generate a Write 1 time slot, the data line must be pulled to a logic low level and then
released, allowing the data line to pull up to a high level within 15
µs after the start of the write time slot.
For the host to generate a Write 0 time slot, the data line must be pulled to a logic low level and remain
low for 60
µs.
Read Time Slots
The host generates read time slots when data is to be read from the DS18B20. A read time slot is initiated
when the host pulls the data line from a logic high level to logic low level. The data line must remain at a
low logic level for a minimum of 1
µs; output data from the DS18B20 is valid for 15 µs after the falling
edge of the read time slot. The host therefore must stop driving the DQ pin low in order to read its state
15
µs from the start of the read slot (see Figure 12). By the end of the read time slot, the DQ pin will pull
back high via the external pullup resistor. All read time slots must be a minimum of 60
µs in duration
with a minimum of a 1-
µs recovery time between individual read slots.
Figure 12 shows that the sum of TINIT, TRC, and TSAMPLE must be less than 15
µs. Figure 14 shows that
system timing margin is maximized by keeping TINIT and TRC as small as possible and by locating the
master sample time towards the end of the 15-
µs period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com