Electronic Components Datasheet Search
  English  ▼

X  

DS1994 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1994
Description  4kb Plus Time Memory iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1994 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1994 Datasheet HTML 2Page - Dallas Semiconductor DS1994 Datasheet HTML 3Page - Dallas Semiconductor DS1994 Datasheet HTML 4Page - Dallas Semiconductor DS1994 Datasheet HTML 5Page - Dallas Semiconductor DS1994 Datasheet HTML 6Page - Dallas Semiconductor DS1994 Datasheet HTML 7Page - Dallas Semiconductor DS1994 Datasheet HTML 8Page - Dallas Semiconductor DS1994 Datasheet HTML 9Page - Dallas Semiconductor DS1994 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DS1994
6 of 22
Interval Timer
The interval timer is a 5-Byte binary counter. When enabled, it is incremented 256 times per second. The
least significant Byte is a count of fractional seconds. The interval timer can accumulate 136 years of
seconds before rolling over. The interval timer has two modes of operation that are selected by the
AUTO/MAN bit in the control register. In the auto mode, the interval timer begins counting after the data
line has been high for a period of time determined by the DSEL bit in the control register. Similarly, the
interval timer stops counting after the data line has been low for a period of time determined by the DSEL
bit. In the manual mode, time accumulation is controlled by the STOP/START bit in the control register.
NOTE: For auto mode operation, the high level on the data line must be greater than or equal to 2.1V.
Cycle Counter
The cycle counter is a 4-Byte binary counter. It increments after the falling edge of the data line if the
appropriate data line timing has been met. This timing is selected by the DSEL bit in the control register.
(See the Status/Control section).
NOTE: For cycle counter operation, the high level on the data line must be greater than or equal to 2.1V.
Alarm Registers
The alarm registers for the real-time clock, interval timer, and cycle counter all operate in the same
manner. When the value of a given counter equals the value in its associated alarm register, the
appropriate flag bit is set in the status register. If the corresponding interrupt enable bit in the status
register is set, an interrupt is generated. If a counter and its associated alarm register are write protected
when an alarm occurs, access to the device becomes limited. (See the Status/Control, Interrupts, and
Programmable Expiration sections.)
STATUS/CONTROL REGISTERS
The status and control registers are the first two Bytes of page 16 (see Figure 4).
Status Register
76
54
32
10
X
X
CCE
ITE
RTE
CCF
ITF
RTF
0200h
DON’T CARE BITS
READ ONLY
0
RTF
Real-time clock alarm flag
1
ITF
Interval timer alarm flag
2
CCF
Cycle counter alarm flag
When a given alarm occurs, the corresponding alarm flag is set to a logic 1. The alarm flag is cleared by
reading the status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com