Electronic Components Datasheet Search
  English  ▼

X  

DS1994 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1994
Description  4kb Plus Time Memory iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1994 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1994 Datasheet HTML 1Page - Dallas Semiconductor DS1994 Datasheet HTML 2Page - Dallas Semiconductor DS1994 Datasheet HTML 3Page - Dallas Semiconductor DS1994 Datasheet HTML 4Page - Dallas Semiconductor DS1994 Datasheet HTML 5Page - Dallas Semiconductor DS1994 Datasheet HTML 6Page - Dallas Semiconductor DS1994 Datasheet HTML 7Page - Dallas Semiconductor DS1994 Datasheet HTML 8Page - Dallas Semiconductor DS1994 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS1994
5 of 22
Figure 4. DS1994 MEMORY MAP
PAGE 0
PAGE
PAGE 1
PAGE 2
PAGE 3
PAGE 4
PAGE 5
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 10
PAGE 11
PAGE 12
PAGE 13
PAGE 14
PAGE 15
PAGE 16
SCRATCHPAD
MEMORY
0000h
0020h
0040h
0060h
0080h
00A0h
00C0h
00E0h
0100h
0120h
0140h
0160h
0180h
01A0h
01C0h
01E0h
0200h
NOTE: Each page is 32 bytes (256 bits). The hex values
represent the starting address for each page or register.
PAGE 16
TIMEKEEPING REGISTERS
STATUS REGISTER
CONTROL REGISTER
REAL-TIME
COUNTER REGISTERS
INTERVAL TIME
COUNTER REGISTERS
COUNTER REGISTERS
CYCLE
ALARM REGISTERS
ALARM REGISTERS
ALARM REGISTERS
CYCLE
INTERVAL TIME
REAL-TIME
0200h
0201h
0202h
0207h
020Ch
0210h
0215h
021Ah
0200h
0201h
STATUS REGISTER
CONTROL REGISTER
76
5
4
3
2
1
0
76
5
4
3
2
1
0
X
X
CCE
ITE
RTE
CCF
ITF
RTF
DSEL
STOP
START
AUTO
MAN
OSC
RO
WPC
WPI
WPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com