Electronic Components Datasheet Search
  English  ▼

X  

DS1994 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1994
Description  4kb Plus Time Memory iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1994 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1994 Datasheet HTML 1Page - Dallas Semiconductor DS1994 Datasheet HTML 2Page - Dallas Semiconductor DS1994 Datasheet HTML 3Page - Dallas Semiconductor DS1994 Datasheet HTML 4Page - Dallas Semiconductor DS1994 Datasheet HTML 5Page - Dallas Semiconductor DS1994 Datasheet HTML 6Page - Dallas Semiconductor DS1994 Datasheet HTML 7Page - Dallas Semiconductor DS1994 Datasheet HTML 8Page - Dallas Semiconductor DS1994 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS1994
3 of 22
Figure 1. DS1994 BLOCK DIAGRAM
SRAM
TIMEKEEPING
HOLDING REGISTERS
FUNCTIONS
16 PAGES of
256-BITs
& COUNTERS
INTERNAL REGISTERS
32.768 kHz
OSCILLATOR
256-BIT
SCRATCHPAD
1-W
ROM
CONTROL
FUNCTION
64-BIT
ROM
LASERED
PARASITE-
CIRCUITRY
POWERED
MEMORY
FUNCTION
CONTROL
1-WIRE
PORT
3V LITHIUM
PARASITE POWER
The block diagram (Figure 1) shows the parasite-powered circuitry. This circuitry steals power whenever
the data input is high. The data line provides sufficient power as long as the specified timing and voltage
requirements are met. The advantages of parasite power are two-fold: 1) by parasiting off this input,
lithium is conserved, and 2) if the lithium is exhausted for any reason, the ROM can still be read
normally.
64-BIT LASERED ROM
Each DS1994 contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code.
The next 48 bits are a unique serial number. The last 8 bits are a CRC of the first 56 bits. (See Figure 2.)
The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and XOR gates,
as shown in Figure 3. The polynomial is X8 + X5 + X4 + 1. Additional information about the Dallas 1-Wire
Cyclic Redundancy Check is available in the Book of DS19xx iButton Standards. The shift register bits
are initialized to zero. Then starting with the least significant bit of the family code, 1 bit at a time is
shifted in. After the 8th bit of the family code has been entered, then the serial number is entered. After
the 48th bit of the serial number has been entered, the shift register contains the CRC value. Shifting in
the 8 bits of CRC should return the shift register to all zeros.
Figure 2. 64-BIT LASERED ROM
MSB
LSB
8-Bit CRC Code
48-Bit Serial Number
8-Bit Family Code (04h)
MSB
LSB MSB
LSB MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com