Electronic Components Datasheet Search
  English  ▼

X  

DS1994 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1994
Description  4kb Plus Time Memory iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1994 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1994 Datasheet HTML 1Page - Dallas Semiconductor DS1994 Datasheet HTML 2Page - Dallas Semiconductor DS1994 Datasheet HTML 3Page - Dallas Semiconductor DS1994 Datasheet HTML 4Page - Dallas Semiconductor DS1994 Datasheet HTML 5Page - Dallas Semiconductor DS1994 Datasheet HTML 6Page - Dallas Semiconductor DS1994 Datasheet HTML 7Page - Dallas Semiconductor DS1994 Datasheet HTML 8Page - Dallas Semiconductor DS1994 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
031403
SPECIAL FEATURES
§ 4096 bits of Read/Write Nonvolatile
Memory
§ 256-bit Scratchpad Ensures Integrity of Data
Transfer
§ Memory Partitioned into 256-bit Pages for
Packetizing Data
§ Data Integrity Assured with Strict
Read/Write Protocols
§ Contains Real-Time Clock/Calendar in
Binary Format
§ Interval Timer Can Automatically
Accumulate Time When Power is Applied
§ Programmable Cycle Counter can
Accumulate the Number of System Power-
On/Off Cycles
§ Programmable Alarms Can Be Set to
Generate Interrupts for Interval Timer, Real-
Time Clock, and/or Cycle Counter
§ Write-Protect Feature Provides Tamperproof
Time Data
§ Programmable Expiration Date That Limits
Access to SRAM and Timekeeping
§ Clock Accuracy is Better Than ±2 Minutes/
Month at 25°C
§ Operating Temperature Range from -40°C to
+70°C
§ Over 10 Years of Data Retention
COMMON iButton® FEATURES
§ Unique, Factory-Lasered, and Tested 64-bit
Registration Number (8-bit Family Code +
48-bit Serial Number + 8-bit CRC Tester)
Assures Absolute Traceability Because No
Two Parts Are Alike
§ Multidrop Controller for MicroLAN
§ Digital Identification and Information by
Momentary Contact
§ Chip-Based Data Carrier Compactly Stores
Information
§ Data Can Be Accessed While Affixed to
Object
§ Economically Communicates to Bus Master
with a Single Digital Signal at 16.3kbps
§ Standard 16mm Diameter and 1-Wire
®
Protocol Ensure Compatibility with iButton
Family
§ Button Shape is Self-Aligning with Cup-
Shaped Probes
§ Durable Stainless Steel Case Engraved with
Registration Number Withstands Harsh
Environments
§ Easily Affixed with Self-Stick Adhesive
Backing, Latched by its Flange, or Locked
with a Ring Pressed onto its Rim
§ Presence Detector Acknowledges when
Reader First Applies Voltage
§ Meets UL#913 (4th Edit.); Intrinsically Safe
Apparatus, Approved under Entity Concept
for Use in Class I, Division 1, Group A, B, C
and D Locations
F5 MICROCAN
IO
GND
0.36
0.51
5.89
© 1993
YYWW REGISTERED RR
61
04
000000FBD804
16.25
17.35
All dimensions shown in millimeters.
ORDERING INFORMATION
DS1994L-F5
F5 MicroCan
DS1994
4kb Plus Time Memory iButton
www.iButton.com
iButton and 1-Wire are registered trademarks of Dallas Semiconductor.


Similar Part No. - DS1994

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
logo
Dallas Semiconductor
DS1994L-F5 DALLAS-DS1994L-F5 Datasheet
537Kb / 17P
1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
logo
Maxim Integrated Produc...
DS1994L-F5+ MAXIM-DS1994L-F5+ Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
More results

Similar Description - DS1994

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
4Kb FRAM Serial Memory
logo
Dallas Semiconductor
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
DS1427 DALLAS-DS1427 Datasheet
19Kb / 2P
Time iButton
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
4Kb FRAM Serial Memory
logo
Dallas Semiconductor
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
Dual Port Memory Plus Time
logo
Maxim Integrated Produc...
DS1994 MAXIM-DS1994 Datasheet
634Kb / 23P
4Kb Plus Time Memory iButton®
11/09
DS1992 MAXIM-DS1992_11 Datasheet
172Kb / 17P
1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
DS1995 MAXIM-DS1995 Datasheet
45Kb / 2P
16Kb Memory iButton
Rev 8/09
DS1996 MAXIM-DS1996 Datasheet
382Kb / 19P
64Kb Memory iButton
Rev 8/09
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com