Electronic Components Datasheet Search
  English  ▼

X  

DS1994 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1994
Description  4kb Plus Time Memory iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1994 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1994 Datasheet HTML 3Page - Dallas Semiconductor DS1994 Datasheet HTML 4Page - Dallas Semiconductor DS1994 Datasheet HTML 5Page - Dallas Semiconductor DS1994 Datasheet HTML 6Page - Dallas Semiconductor DS1994 Datasheet HTML 7Page - Dallas Semiconductor DS1994 Datasheet HTML 8Page - Dallas Semiconductor DS1994 Datasheet HTML 9Page - Dallas Semiconductor DS1994 Datasheet HTML 10Page - Dallas Semiconductor DS1994 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS1994
7 of 22
3
RTE
Real-time clock alarm flag
4
ITE
Interval timer alarm flag
5
CCE
Cycle counter alarm flag
Writing any of the interrupt enable bits to a logic 0 allows an interrupt condition to be generated when its
corresponding alarm flag is set (see the Interrupts section).
Control Register
7
6543
2
1
0
DSEL
STOP
START
AUTO
MAN.
OSC
RO
WPC
WPI
WPR
0201h
0
WPR Write protect real-time clock/alarms registers
1
WPI
Write protect interval timer/alarms registers
2
WPC Write protect cycle counter/alarms registers
Setting a write protect bit to a logic 1 permanently write protects the corresponding counter and alarm
registers, all write protect bits, and additional bits in the control register. The write protect bits cannot be
written in a normal manner (see the Write Protect/Programmable Expiration section).
3
RO
Read only
If a programmable expiration occurs and the read only bit is set to a logic 1, then the DS1994 becomes
read only. If a programmable expiration occurs and the read only bit is a logic 0, then only the 64-bit
lasered ROM can be accessed (see the Write Protect/Programmable Expiration section).
4
OSC
Oscillator enable
This bit controls the crystal oscillator. When set to a logic 1, the oscillator starts operation. When the
oscillator bit is a logic 0, the oscillator stops.
5
AUTO/MAN
Automatic/Manual Mode
When this bit is set to a logic 1, the interval timer is in automatic mode. In this mode, the interval timer is
enabled by the data line. When this bit is set to a logic 0, the interval timer is in manual mode. In this
mode, the interval timer is enabled by the STOP/START bit.
6 STOP/START
Stop/Start (in manual mode)
If the interval timer is in manual mode, the interval timer starts counting when this bit is set to a logic 0
and stops counting when set to a logic 1. If the interval timer is in automatic mode, this bit has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com