Electronic Components Datasheet Search
  English  ▼

X  

DS276 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS276
Description  Low Power Transceiver Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS276 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS276 Datasheet HTML 3Page - Dallas Semiconductor DS276 Datasheet HTML 4Page - Dallas Semiconductor DS276 Datasheet HTML 5Page - Dallas Semiconductor DS276 Datasheet HTML 6Page - Dallas Semiconductor DS276 Datasheet HTML 7Page - Dallas Semiconductor DS276 Datasheet HTML 8Page - Dallas Semiconductor DS276 Datasheet HTML 9Page - Dallas Semiconductor DS276 Datasheet HTML 10Page - Dallas Semiconductor DS276 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS276
7 of 11
ELECTRICAL CHARACTERISTICS-3V OPERATION cont’d
(TA = 0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VDRV +=
VCC=2.7V
VDRV-=0
0.2
0.3
V
5
TXOUT Level Low
VOTXL
-11
-10
V
6
TXOUT Short Circuit
Current
ISC
VDRV+ = 5.5V,
VDRV- = -12V
85
mA
7
TXOUT Output Slew Rate
tSR
30
V/us
Propagation Delay
tPD
5us
8
RXIN Input Threshold Low
VTL
0.8
1.0
1.6
V
RXIN Input Threshold
High
VTH
1.2
2.0
2.4
V
RXIN Threshold Hysteresis
VHYS
0.4
1.0
V
9
RXOUT Output Current
High
IOH
VCC = 2.7V
VOH = 2V
-0.5
mA
RXOUT Output Current
Low
IOL
VCC = 2.7V
VOL = 0.4V
0.5
mA
NOTES:
1. VDRV+ must be greater than or equal to VCC, RXIN must be greater than VDRV-.
2. See test circuit in Figure 5.
3. See test circuit in Figure 6.
4. See test circuit in Figure 7.
5. RL = 3k
Ω=to ground. Max data rate = 20k bps.
6. RL = 3k
Ω=to ground. Max data rate = 50k bps.
7. TXIN = VIL.
8. See test circuit in Figure 8.
9. VHYS = VTH - VTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com