Electronic Components Datasheet Search
  English  ▼

X  

DS276 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS276
Description  Low Power Transceiver Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS276 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS276 Datasheet HTML 1Page - Dallas Semiconductor DS276 Datasheet HTML 2Page - Dallas Semiconductor DS276 Datasheet HTML 3Page - Dallas Semiconductor DS276 Datasheet HTML 4Page - Dallas Semiconductor DS276 Datasheet HTML 5Page - Dallas Semiconductor DS276 Datasheet HTML 6Page - Dallas Semiconductor DS276 Datasheet HTML 7Page - Dallas Semiconductor DS276 Datasheet HTML 8Page - Dallas Semiconductor DS276 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS276
4 of 11
two similar devices over short distances, and into larger loads than the 3 k
Ω=RS-232 standard (Figure 2).
If Vdrv+ is increased to 5V, and Vdrv- decreased (to less than -2V) communication with standard RS-232
devices is possible, although of course the output voltage swing of the DS276 remains below the RS-232
specification. The Vdrv- supply can be derived using the “stealing” technique shown in Figure 4.
5V OPERATION
The use of a single 5V supply for VCC and Vdrv+, and Vdrv- derived using the circuit in Figure 4 can
produce reliable communication with standard RS-232 devices, although the DS276 output voltage
swings are below the RS-232 minimum (Figure 3).
Increasing the magnitude of the voltage to Vdrv+ to 10 volts or more will result in “true” RS-232 output
voltage levels.
SINGLE 3V OPERATION Figure 2
(See Note 3)
SINGLE 5V OPERATION Figure 3
(not true RS-232)
(See Note 1 and 3)
"STEALING" NEGATIVE SUPPLY Figure 4
(See Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com