Electronic Components Datasheet Search
  English  ▼

X  

DS276 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS276
Description  Low Power Transceiver Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS276 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS276 Datasheet HTML 1Page - Dallas Semiconductor DS276 Datasheet HTML 2Page - Dallas Semiconductor DS276 Datasheet HTML 3Page - Dallas Semiconductor DS276 Datasheet HTML 4Page - Dallas Semiconductor DS276 Datasheet HTML 5Page - Dallas Semiconductor DS276 Datasheet HTML 6Page - Dallas Semiconductor DS276 Datasheet HTML 7Page - Dallas Semiconductor DS276 Datasheet HTML 8Page - Dallas Semiconductor DS276 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS276
3 of 11
feet. As a prime example, the DS276 will not meet the RS-232 requirement that the signal levels be at
least
±5 volts minimum when terminated by a 3 kΩ=load and V
DRV+ = +3-5 volts. Typically 2.5 to 4 volts
will be present at TXOUT when spacing under this condition, depending on the supply voltage. However,
since most RS-232 receivers will correctly interpret any voltage over 2 volts as a space, there will be no
problem transmitting data.
DS276 BLOCK DIAGRAM Figure 1
APPLICATIONS INFORMATION
The DS276 is designed as a low-cost, RS-232-E interface expressly tailored for the unique requirements
of battery-operated handheld products. As shown in the electrical specifications, the DS276 draws
exceptionally low operating and static current. During normal operation when data from the handheld
system is sent from the TXOUT output, the DS276 only draws significant VDRV+ current when TXOUT
transitions positively (spacing). This current flows primarily into the RS-232 receiver’s 3-7 k
Ω=load at
the other end of the attaching cable. When TXOUT is marking (a negative data signal), the VDRV+ current
falls dramatically since the negative voltage is provided by the transmit signal from the other end of the
cable. This represents a large reduction in overall operating current, since typical RS-232 interface chips
use charge-pump circuits to establish both positive and negative levels at the transmit driver output. To
obtain the lowest power consumption from the DS276, observe the following guidelines: First, to
minimize VDRV+ current when connected to an RS-232 port, always maintain TXIN at a logic 1 when data
is not being transmitted (idle state). This will force TXOUT into the marking state, minimizing VDRV+
current. Second, VDRV+ current will drop significantly when VCC is grounded. Therefore, if VDRV+ is
derived independently from VCC (for example connected to a 9V battery), the logic supply voltage can be
turned off to achieve the lowest possible power state.
FULL-DUPLEX OPERATION
The DS276 is intended for full-duplex operation using the full-duplex circuit shown in Figure 4 to
generate a negative rail from RXIN. The 22
µF capacitor forms a negative-charge reservoir; consequently,
when the TXD line RXIN is spacing (positive), TXOUT still has a negative source available for a time
period determined by the capacitor and the load resistance at the other end (3-7 k
Ω).
SUPPLY VOLTAGE OPTIONS
The DS276 is intended primarily for use in single supply 3- or 5- volts systems. However, several supply
configurations are possible.
3V OPERATION
The simplest configuration is to use a single 3V supply for VCC and Vdrv+, and connect Vdrv- to ground.
This will result in the lowest power consumption and will give adequate serial communication between



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com