Electronic Components Datasheet Search
  English  ▼

X  

DS276 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS276
Description  Low Power Transceiver Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS276 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS276 Datasheet HTML 1Page - Dallas Semiconductor DS276 Datasheet HTML 2Page - Dallas Semiconductor DS276 Datasheet HTML 3Page - Dallas Semiconductor DS276 Datasheet HTML 4Page - Dallas Semiconductor DS276 Datasheet HTML 5Page - Dallas Semiconductor DS276 Datasheet HTML 6Page - Dallas Semiconductor DS276 Datasheet HTML 7Page - Dallas Semiconductor DS276 Datasheet HTML 8Page - Dallas Semiconductor DS276 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DS276
5 of 11
NOTES:
1. This circuit as shown does not meet the RS-232 requirement for signal levels (high-level output
voltage). However, as most RS-232 receivers will interpret any voltage over 2V as a space this will
normally be of no consequence. Alternatively, VDRV+ can be supplied independently from a higher
voltage supply.
2. The capacitor is charged negatively whenever RXIN is in a marking (or idle) state. When the DS276 is
transmitting marking data and RXIN is spacing the capacitor will discharge towards ground with a
time constant determined by the capacitor value and the value of the load resistance. The value shown
should store sufficient charge for reliable operation up to 20 kbps.
3. RXIN must never be allowed to reach a negative voltage with respect to VDRV- or excessive currents
will be drawn. Therefore, if negative voltage swings are present on RXIN, VDRV- should not be
connected to ground and the circuit shown in Figure 4 should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com