Electronic Components Datasheet Search
  English  ▼

X  

DS276 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS276
Description  Low Power Transceiver Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS276 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS276 Datasheet HTML 3Page - Dallas Semiconductor DS276 Datasheet HTML 4Page - Dallas Semiconductor DS276 Datasheet HTML 5Page - Dallas Semiconductor DS276 Datasheet HTML 6Page - Dallas Semiconductor DS276 Datasheet HTML 7Page - Dallas Semiconductor DS276 Datasheet HTML 8Page - Dallas Semiconductor DS276 Datasheet HTML 9Page - Dallas Semiconductor DS276 Datasheet HTML 10Page - Dallas Semiconductor DS276 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS276
8 of 11
+
ELECTRICAL CHARACTERISTICS-5V OPERATION
(tA = 0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic Supply Voltage
VCC
4.5
5
5.5
V
Dynamic Supply Current
IDRV1
ICC1
IDRV1
ICC1
TXIN = VCC
TXIN = VCC
TXIN = GND
TXIN = GND
400
40
3.8
40
800
100
5
100
uA
uA
mA
uA
1
1
1
1
Static Supply Current
IDRV2
ICC2
IDRV2
ICC2
TXIN = VCC
TXIN = VCC
TXIN = GND
TXIN = GND
1.5
10
3.8
10
10
15
5
20
uA
uA
mA
uA
2
2
2
2
Driver Leakage Current
IDRV3
VCC = 0
0.05
1
uA
3
VDRV+=VCC=
4.5V
VDRV-=0
3.3
3.8
V
4
TXOUT Level High
VOTXH
VDRV+=12V,
VDRV-=-12V
10
11
V
5
VDRV +=
VCC=12V
VDRV-=12V
-11
-10
V
4
TXOUT Level Low
VOTXL
VDRV+=VCC
VDRV-=0
0.2
0.3
V
5
TXOUT Short Circuit Current
ISC
VDRV+ = 12V,
VDRV- = -12V
85
mA
6
TXOUT Output Slew Rate
tSR
30
V/us
Propagation Delay
tPD
5us
7
RXIN Input Threshold Low
VTL
0.8
1.2
6
V
RXIN Input Threshold High
VTH
1.6
2
2
V
RXIN Threshold Hysteresis
VHYS
0.5
0.8
V
8
RXOUT Output Current High
IOH
VCC = 4.5V
VOH = 2.4V
-1
mA
RXOUT Output Current Low
IOL
VCC = 4.5V
VOL = 0.4V
3
mA
NOTES:
1. See test circuit in Figure 9.
2. See test circuit in Figure 10.
3. See test circuit in Figure 11.
4. RL = 3 k
Ω to ground. Max data rate = 20 kbps.
5. RL = 3 k
Ω to ground. Max data rate = 100 kbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com