Electronic Components Datasheet Search
  English  ▼

X  

DS276 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS276
Description  Low Power Transceiver Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS276 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS276 Datasheet HTML 1Page - Dallas Semiconductor DS276 Datasheet HTML 2Page - Dallas Semiconductor DS276 Datasheet HTML 3Page - Dallas Semiconductor DS276 Datasheet HTML 4Page - Dallas Semiconductor DS276 Datasheet HTML 5Page - Dallas Semiconductor DS276 Datasheet HTML 6Page - Dallas Semiconductor DS276 Datasheet HTML 7Page - Dallas Semiconductor DS276 Datasheet HTML 8Page - Dallas Semiconductor DS276 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
112299
FEATURES
Low-power serial transmitter/receiver for
battery-backed systems
Transmitter steals power from receive signal
line to save power
Single 3V or 5V operation
Full duplex operation up to 20k bps
Ultra-low static current
Compatible with RS-232-E signals
PIN ASSIGNMENT
PIN DESCRIPTION
RXOUT
RS-232 Receiver Output
VDRV+
Transmit Driver Positive Supply
TXIN
RS-232 Driver Input
GND
System Ground (0V)
TXOUT
RS-232 Driver Output
VDRV-
Transmit Driver Negative Supply
RXIN
RS-232 Receiver Input
VCC
System Logic Supply (3-5V)
ORDERING INFORMATION
DS276
8-Pin DIP
DS276S
8-Pin SOIC
DESCRIPTION
The DS276 Line-Powered RS-232 Transceiver Chip is a CMOS device that provides a low-cost, very
low-power interface to RS-232 serial ports. The receiver input translates RS-232 signal levels to common
CMOS/TTL levels. The transmitter can be used with independently supplied positive and negative
supplies, but in most cases will be used with the positive supply, sharing the logic supply and the negative
supply stolen from the receive RS-232 signal when that signal is in a negative state (marking). By using
an external reservoir capacitor and Schottky diode (see Figure 4) this negative supply can be maintained
even during full-duplex operation. Since most serial communication ports remain in a negative state
statically, using the receive signal for negative power greatly reduces the DS276’s static power
consumption. This feature is especially important for battery-powered systems such as laptop computers,
remote sensors, and portable medical instruments. During an actual communication session, the DS276’s
transmitter will use system power (3-12 volts) for positive transitions while still employing the receive
signal for negative transitions.
DS276
Low Power Transceiver Chip
www.dalsemi.com
DS276 8-Pin DIP (300-mil)
DS 276S 8-Pin SOIC (150-mil)
RXOUT
VDRV+
TXIN
GND
VCC
RXIN
VDRV-
1
2
3
4
8
7
6
5
TXOUT


Similar Part No. - DS276

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2760AE+ MAXIM-DS2760AE+ Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
More results

Similar Description - DS276

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4668 MICRO-LINEAR-ML4668 Datasheet
196Kb / 14P
Low Power Single Chip 10BASE-FL Transceiver
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
Single Chip Low Cost Low Power RF Transceiver
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC1000 TI-CC1000 Datasheet
593Kb / 55P
Single Chip Very Low Power RF Transceiver
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
logo
ON Semiconductor
AMIS-52150 ONSEMI-AMIS-52150 Datasheet
792Kb / 21P
Low-power Transceiver
July, 2013 ??Rev. 8
logo
New Japan Radio
NSNJ2007 NJRC-NSNJ2007 Datasheet
253Kb / 4P
Low Power Transceiver
logo
List of Unclassifed Man...
PL1167 ETC1-PL1167 Datasheet
569Kb / 10P
Low Power High performance Single Chip 2.4GHz Transceiver
logo
Toshiba Semiconductor
TC32306FTG TOSHIBA-TC32306FTG Datasheet
1Mb / 102P
Single-Chip RF Transceiver for Low-Power Systems
2015-10-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com