| Electronic Components Datasheet Search |
|
MA17501 Datasheet(PDF) 9 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
MA17501 Datasheet(HTML) 9 Page - Dynex Semiconductor |
|
9 / 35 page ![]() MA17501 9/35 3.5.1 Processor Pause (PAUSEN) lnput. PAUSEN is driven low by the lnterrupt Unit upon acknowledgement of a DMA transfer request. A low on PAUSEN causes the EU to place all the bus control signals (AS, DSN, M/lON, RD/WN, IN/OPN) and the AD Bus in the high impedance state, and to disable all clock outputs, except for SYNCLKN and SYNCN. The requesting device maintains control of the AD Bus and bus control lines until (lU)DMARN is raised high, thus causing PAUSEN to raise high. lt is recommended that the MAS281 chip set be buffered to the memory/input-output system. lf an MMU(BPU) peripheral chip is used for memory expansion/protection it must reside on the MAS281 side of these buffer transceivers (see Figure 4). Thus, for a DMA device to access the MMU(BPU), the MAS281 AD Bus and bus control signal drivers must be in the high impedance state to allow the DMA device to drive these signals. The interrupt Unit also provides the CDN signal for the directional control of the bus control transceivers. 3.5.2 Processor Hold Request (HOLDN) lnput. A low on this input suspends all chip set functions (except SYNCN and SYNCLKN) at the end of the current MlL- STD-1750A instruction. The AD Bus and bus control functions (AS, DSN, M/ION, lN/OPN, RD/WN) are placed in the high impedance state permitting a monitor system to take control of the memory/input-output system. The internal synchronisation clocks are placed in an inactive state, which halts further instruction sequencing until HOLDN is released. As with DMA cycles, the reason for this is to allow access to the MMU(BPU) if an expanded memory system is used. The (lU)CDN output is provided for control bus transceiver directional control during the Hold state. This input should be synchronised to AS falling. 3.4.2 Microcontrol Bus (M Bus) Input. The M Bus is a 20-bit multiplexed microcontrol bus which provides microcoded control to the EU. The Control Unit multiplexes the 40-bit microcode instructions into two 20-bit words. The upper 20 bits are placed on the M Bus by the CLKPCN low-to-high transition and the lower 20 bits are placed on the M Bus by the trailing high-to-low transition of CLK02N. The microinstruction is reassembled in the EU’s Execution (E) register and used to control EU functions during the next machine cycle. M19 is the most significant bit position and M00 is the least significant bit position for both microwords. The high order 20 bits are transmitted first, followed by the low order 20 bits of the microinstruction. A high on this bus corresponds to a logic one and low corresponds to a logic zero. 3.5 SYSTEM SUPPORT INTERFACE The system support interface signals have control over functions that affect the chip set as a whole. 3.5.3 Processor Hold Acknowledge (HLDAKN) Output. HLDAKN drops low after reaching the end of the MIL-STD-1750A instruction during which HOLDN was pulled low, or after encountering a BPT software instruction. The Hold state is terminated by raising HOLDN high (if HOLDN low initiated the Hold state), or by pulsing HOLDN low (if the Hold state was initiated by a BPT instruction). During the Hold state, software execution is suspended and the MAS281 interface functions are placed in the high impedance state to allow a monitor system to take control of the memory/input-output system. 3.6 INTER-CHIP CONTROL The following signals perform control functions internal to the MAS281 chip set. These functions include microcode execution branching control and arithmetic error indication. 3.6.1 Internal Ready (IRDYN) Input. The IRDYN signal is the means by which Interrupt Unit (IU) command cycles, involving the AD Bus, are completed. The lU drops lRDYN low when the XlO command has been decoded and allows the six OSC period machine cycle to complete. The IRDYN and RDYN signals are effectively ORed together to control the EU clock generation circuitry; therefore, RDYN should be high during lU decoded XlO commands. 3.6.2 Interrupt Unit Microinstruction Enable (INTREN) Output. The Execution Unit controls the lnterrupt Unit (lU) 3-bit microcode interface through the use of the INTREN signal. lNTREN low enables the lU microcode decoding logic. lU functions handled through microcode are; enable/disable DMA interface XlO command control, set Normal Power-Up discrete, load fault register, and read encoded 4-bit vector identifying the highest priority pending interrupt. Machine cycles during lNTREN low are a special case of internal non-AD Bus operations. These cycles are denoted by a six OSC period machine cycle. 3.6.3 Overflow Indicator (OVIN) Output. OVlN is an indication that a fixed-point overflow condition, as specified in MIL-STD-1750A, has occurred during an operation. The Interrupt Unit accepts this as an input to the pending interrupt register level four interrupt bit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |