Electronic Components Datasheet Search
  English  ▼

X  

MA17501 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MA17501
Description  Radiation Hard MIL-STD-1750A Execution unit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA17501 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MA17501 Datasheet HTML 1Page - Dynex Semiconductor MA17501 Datasheet HTML 2Page - Dynex Semiconductor MA17501 Datasheet HTML 3Page - Dynex Semiconductor MA17501 Datasheet HTML 4Page - Dynex Semiconductor MA17501 Datasheet HTML 5Page - Dynex Semiconductor MA17501 Datasheet HTML 6Page - Dynex Semiconductor MA17501 Datasheet HTML 7Page - Dynex Semiconductor MA17501 Datasheet HTML 8Page - Dynex Semiconductor MA17501 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
MA17501
2/35
Figure 1: MAS281 Chip Set with Optional MA17504 and Support RAMs
As shown in Figure 1, the MAS281 is the minimum
processor configuration consisting of an Execution Unit, a
Control Unit, and an Interrupt Unit. This configuration is
capable of accessing a 64K-word address space. Addition of a
MA31751 allows access to a 1M-word address space and/or
provides hardware support for 1K-word memory block write
protection.
The EU, as with all components of the MAS281 chip set, is
fabricated with GEC Plessey Semiconductors CMOS/SOS
process technology. lnput and output buffers associated with
signals external to the MAS281 are TTL compatible.
Detailed descriptions of the EU's companion chips are
provided in separate data sheets. Additional discussions on
chip set system considerations, interconnection details, and
DAlS mix benchmarking analysis are provided in separate
applications notes.
The Execution Unit consists of a full function 16-bit ALU,
32-bit barrel shifter, 4 x 24-bit parallel multiplier, 24 x 16bit
dual-port RAM register file, processor status word register,
three operand transfer registers, three instruction fetch
registers, various interconnect buses, synchronization clock
generation logic, and microcode decode logic. Details of these
components are depicted in Figure 2 and are discussed below:
2.0 ARCHITECTURE
2.1 ALU
The ALU is a full function 16-bit arithmetic/logic unit
capable of performing arithmetic and logic operations on either
one or two 16-bit operands in a single machine cycle. ln
addition to operand manipulation, the ALU is used to compute
memory addresses.
The ALU supports 16-bit fixed-point single-precision, 32-bit
fixed-point double-precision, 32-bit floating-point, and 48-bit
floating-point extended-precision data in two’s complement
representation. Double-precision and extended-precision
operands are passed through the ALU 16 bits at a time on
consecutive machine cycles. Machine flags provide an
indication of ALU results and are used to set condition status
(CS) bits C, P, Z, and N in the Status Word Register. Condition
status bits and the Status Word register are discussed below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com