Electronic Components Datasheet Search
  English  ▼

X  

MA17501 Datasheet(PDF) 27 Page - Dynex Semiconductor

Part # MA17501
Description  Radiation Hard MIL-STD-1750A Execution unit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA17501 Datasheet(HTML) 27 Page - Dynex Semiconductor

Back Button MA17501 Datasheet HTML 23Page - Dynex Semiconductor MA17501 Datasheet HTML 24Page - Dynex Semiconductor MA17501 Datasheet HTML 25Page - Dynex Semiconductor MA17501 Datasheet HTML 26Page - Dynex Semiconductor MA17501 Datasheet HTML 27Page - Dynex Semiconductor MA17501 Datasheet HTML 28Page - Dynex Semiconductor MA17501 Datasheet HTML 29Page - Dynex Semiconductor MA17501 Datasheet HTML 30Page - Dynex Semiconductor MA17501 Datasheet HTML 31Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
MA17501
27/35
Table 5: Absolute Maximum Ratings
6.0 ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-20
+20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Total Dose Radiation Not
Exceeding 3x10
5 Rad(Si)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
VSS = 0
4.5
5.0
5.5
V
VIHC
CMOS Input High Voltage (Note 1)
-
VDD-1
-
-
V
VILC
CMOS Input Low Voltage (Note 1)
-
-
-
VSS+1
V
VIHT
TTL Input High Voltage (Note 2)
-
2.0
-
-
V
VILT
TTL Input Low Voltage (Note 2)
-
-
-
0.8
V
VCH
OSC Input High Voltage (Note 6)
-
4.0
-
-
V
VCL
OSC Input Low Voltage (Note 6)
-
-
-
1.0
V
VOHC
CMOS Output High Voltage (Note 1)
IOH = -1.4mA, VDD = 4.5V
4.0
-
-
V
VOLC
CMOS Output Low Voltage (Note 1)
IOL = 2mA, VDD = 5.5V
-
-
0.5
V
VOHT
TTL Output High Voltage (Note 2)
IOH = -1.4mA, VDD = 4.5V
3.5
-
-
V
VOLT
TTL Output Low Voltage (Note 2)
IOH = -1.4mA, VDD = 4.5V
-
-
0.4
V
VOHCLK
Clock Output High Voltage (Note 3)
IOH = -12mA, VDD = 4.5V
4.0
-
-
V
VOLCLK
Clock Output Low Voltage (Note 3)
IOL = 12mA, VDD = 5.5V
-
-
0.5
V
II
Input Leakage Current (Note 4)
VDD = 5.5V, VIN = 0V or 5.5V
-
-
±10
µA
IOZ
Output Leakage Current (Note 4)
VDD = 5.5V, VO = 0V or 5.5V
-
-
±50
µA
IIPU
TESTN Input Pullup Current (Note 5)
VDD = 5.5V, TESTN = 0V
-
-150
-300
µA
IDDOP
Operating Supply Current
VDD = 5.5V, OSC = 20MHz
-
25
35
mA
IDDST
Static Supply Current
VDD = 5.5V, OSC = 0MHz
-
5
10
mA
Mil-Std-883, Method 5005, Subgroup 1, 2, 3.
Notes: 1. The following signals are CMOS compatible:
a) CMOS inputs: Microcode Bus, (M00-M19), TESTN, IRDYN and PIFN.
b) CMOS outputs: T1, OVIN, INTREN, SYSCLK1N, CLKPCN and CLK02N.
2. The following signals are TTL compatible:
a) TTL inputs: HOLDN, RESET, PAUSEN, RDYN and OSC.
b) TTL outputs: HOLDAKN and SYNCN.
c) TTL 3 state outputs: AS, DSN, M/ION, RD/WN and IN/OPN.
d) TTL 3 state I/O signals: Address/Data Bus (AD00-AD15).
3. The clock output pins, SYSCLK1N, SYNCLK, CLKPCN and CLK02N have a higher drive capability than the
standard outputs.
4. Worst case at TA = +125°C, guaranteed but not tested at TA = -55°C.
5. The TESTN input signal is used during chip test and has an integral pullup reistor. In normal operation TESTN is at
VDD.
6. Guaranteed but not tested.
7.0 DC ELECTRICAL CHARACTERISTICS
Table 6: Operating DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com