Electronic Components Datasheet Search
  English  ▼

X  

MA17501 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MA17501
Description  Radiation Hard MIL-STD-1750A Execution unit
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA17501 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MA17501 Datasheet HTML 1Page - Dynex Semiconductor MA17501 Datasheet HTML 2Page - Dynex Semiconductor MA17501 Datasheet HTML 3Page - Dynex Semiconductor MA17501 Datasheet HTML 4Page - Dynex Semiconductor MA17501 Datasheet HTML 5Page - Dynex Semiconductor MA17501 Datasheet HTML 6Page - Dynex Semiconductor MA17501 Datasheet HTML 7Page - Dynex Semiconductor MA17501 Datasheet HTML 8Page - Dynex Semiconductor MA17501 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
MA17501
4/35
2.5 STATUS WORD REGISTER
The Status Word Register (SW) holds the condition status
(CS) bits C, P, Z, and N generated by ALU operations. The SW
also stores the address state (AS) and processor state (PS)
fields. Figure 3 defines the Status Word Register storage
format. The CS bits are stored with each logical, shift, and
arithmetic operation performed by the ALU as required by MlL-
STD-1750A and remain valid until changed by subsequent
operations. The CS bits are interrogated during "jump on
condition" and "instruction counter relative" MlL-STD-1750A
branch instructions.
Figure 2: MA17501 Execution Unit Architecture
2.6 OPERAND TRANSFER REGISTERS
The Address (A), Data Output (DO), and Data lnput (Dl)
registers are referred to as Operand Transfer Registers. These
registers serve as storage buffers between internal EU buses
and the EU's externally accessible address/data (AD) Bus.
The DO register buffers data transferred from the EU to the AD
Bus. The A register buffers operand addresses and XlO
commands onto the AD Bus. The Dl register buffers data
transferred from the AD Bus to the EU .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com