Electronic Components Datasheet Search
  English  ▼

X  

MA28155 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MA28155
Description  Radiation Hard Programmable Peripheral Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28155 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MA28155 Datasheet HTML 1Page - Dynex Semiconductor MA28155 Datasheet HTML 2Page - Dynex Semiconductor MA28155 Datasheet HTML 3Page - Dynex Semiconductor MA28155 Datasheet HTML 4Page - Dynex Semiconductor MA28155 Datasheet HTML 5Page - Dynex Semiconductor MA28155 Datasheet HTML 6Page - Dynex Semiconductor MA28155 Datasheet HTML 7Page - Dynex Semiconductor MA28155 Datasheet HTML 8Page - Dynex Semiconductor MA28155 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MA28155
1/20
The MA28155 is a general purpose programmable Input/
Output device designed for use with the MAS281
microprocessor. It has 24 I/O pins which may be individually
programmed in 2 groups of 12 and used in 3 major modes of
operation.
In the first mode (MODE 0), each group of 12 I/O pins may
be programmed in sets of 4 to be inputs or outputs. In the
second mode (MODE 1), each group may be programmed to
have 8 lines of input or output. Of the remaining 4 pins, 3 are
used for hand-shaking and interrupt control signals. The third
mode of operation (MODE 2) is the bidirectional bus mode,
which uses 8 lines for a bidirectional bus and 5 lines, borrowing
one from the other group, for hand-shaking.
FEATURES
s Radiation Hard to 1MRad (Si)
s High SEU Immunity, Latch Up Free
s Silicon-on-Sapphire Technology
s 24 Programmable l/O Pins
s All Inputs and Outputs are TTL Compatible
s Direct Bit Set/Reset Capability Easing Control Application
Interface
s Replaces Several MSI Packages
s Compatible with MAS281 (Mil-Std-1750A) Microprocessor
Figure 1: Block Diagram
RD/WN
DSN
CSN
MA28155
Radiation Hard Programmable
Peripheral Interface
Replaces June 1999 version, DS3575-4.0
DS3575-5.0 January 2000


Similar Part No. - MA28155

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
Radiation hard Programmable Communication Interface
More results

Similar Description - MA28155

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
Radiation hard Programmable Communication Interface
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
165Kb / 23P
Radiation Hardened CMOS Programmable Peripheral Interface
September 1995
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
Programmable Peripheral Interface
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
Radiation Hardened CMOS Programmable Peripheral Interface
August 2000
logo
Digital Core Design
D8255 DCD-D8255 Datasheet
125Kb / 4P
Programmable Peripheral Interface
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com