Electronic Components Datasheet Search
  English  ▼

X  

MA28155 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # MA28155
Description  Radiation Hard Programmable Peripheral Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28155 Datasheet(HTML) 7 Page - Dynex Semiconductor

Back Button MA28155 Datasheet HTML 3Page - Dynex Semiconductor MA28155 Datasheet HTML 4Page - Dynex Semiconductor MA28155 Datasheet HTML 5Page - Dynex Semiconductor MA28155 Datasheet HTML 6Page - Dynex Semiconductor MA28155 Datasheet HTML 7Page - Dynex Semiconductor MA28155 Datasheet HTML 8Page - Dynex Semiconductor MA28155 Datasheet HTML 9Page - Dynex Semiconductor MA28155 Datasheet HTML 10Page - Dynex Semiconductor MA28155 Datasheet HTML 11Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MA28155
7/20
Input Control Signal Definition (Mode 1)
STBN (Strobe Input).
A low on this input loads data into the input latch.
IBF (Input Buffer Full Register Bit).
A high on this output indicates that the data has been
loaded into the input latch; in essence, an acknowledgement.
IBF is set by a STBN active pulse (which strobes data into
the device), and is reset by the rising edge of DSN (which
reads the latched data out of the device).
INTR (Interrupt Request).
A high on this output can be used to interrupt the CPU
when an input device is requesting service, INTR is set by the
STBN being high and IBF being high and INTE being enabled,
It is reset by the falling edge of DSN, This procedure allows an
input device to request service from the CPU by simply
strobing its data into the port,
INTE A: Controlled by bit set/reset of PC4
INTE B: Controlled by bit set/reset of PC2
Figure 9: Strobed Input (PORT A)
Figure 10: Strobed Input (PORT B)
DSN
DSN
RD/WN
RD/WN
STBAN
STBBN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com