Electronic Components Datasheet Search
  English  ▼

X  

MA28155 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MA28155
Description  Radiation Hard Programmable Peripheral Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28155 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MA28155 Datasheet HTML 1Page - Dynex Semiconductor MA28155 Datasheet HTML 2Page - Dynex Semiconductor MA28155 Datasheet HTML 3Page - Dynex Semiconductor MA28155 Datasheet HTML 4Page - Dynex Semiconductor MA28155 Datasheet HTML 5Page - Dynex Semiconductor MA28155 Datasheet HTML 6Page - Dynex Semiconductor MA28155 Datasheet HTML 7Page - Dynex Semiconductor MA28155 Datasheet HTML 8Page - Dynex Semiconductor MA28155 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MA28155
4/20
OPERATING MODE 0
(Basic Input/Output)
This functional configuration provides simple input and
output operation for each of the three ports. No handshaking is
required; data is simply written to or read from a specified port.
s Two 8-bit ports and 4-bit ports
s Any port can be input or output
s Outputs are latched
s Inputs are not latched.
s 16 different Input/Output configurations are possible in this
Mode.
Group A and Group B Controls
The functional configuration of each port is programmed by
the system software. In essence, the CPU outputs a control
word to the MA28155. The control word contains information
such as mode, bit set, bit reset, etc., this initializes the
functional configuration of the MA28155.
Each of the Control blocks (Group A and Group B) accept
commands from the Read/Write Control Logic, receive control
words from the internal data bus and issue the proper
commands to its associated ports:
Control Group A - Port A and Port C upper (C7-C4) Control
Group B - Port B and Port C lower (C3-C0)
The Control Word Register can only be written into.
Therefore reading of the Control Word Register is not allowed .
Ports A, B and C
The MA28155 contains three 8-bit ports (A, B, and C). All
can be configured in a wide variety of functional characteristics
by the system software but each has its own special features
to further enhance the power and flexibility of the MA28155.
Port A.
One 8-bit data output latch/buffer and one 8-bit data input
latch.
Port B.
One 8-bit data input/output latch/buffer and one 8-bit input
buffer
Port C.
One 8-bit data output latch/buffer and one 8-bit data input
buffer (no latch for input) This port can be divided into two 4-bit
ports under the mode control. Each 4-bit port contains a 4-bit
latch and it can be used for the control signal outputs and
status signal inputs in conjunction with ports A and B
Figure 5: Basic Input (Read) Timing Diagram
DSN
CSN, A1, A0
RD/WN
RD/WN set-up and hold time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com