Electronic Components Datasheet Search
  English  ▼

X  

MA28155 Datasheet(PDF) 16 Page - Dynex Semiconductor

Part # MA28155
Description  Radiation Hard Programmable Peripheral Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28155 Datasheet(HTML) 16 Page - Dynex Semiconductor

Back Button MA28155 Datasheet HTML 12Page - Dynex Semiconductor MA28155 Datasheet HTML 13Page - Dynex Semiconductor MA28155 Datasheet HTML 14Page - Dynex Semiconductor MA28155 Datasheet HTML 15Page - Dynex Semiconductor MA28155 Datasheet HTML 16Page - Dynex Semiconductor MA28155 Datasheet HTML 17Page - Dynex Semiconductor MA28155 Datasheet HTML 18Page - Dynex Semiconductor MA28155 Datasheet HTML 19Page - Dynex Semiconductor MA28155 Datasheet HTML 20Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MA28155
16/20
AC ELECTRICAL CHARACTERISTICS
Parameter
Min.
Max.
Units
Parameter
Min.
Max
Units
18
DSN
⇑ to lBF ⇑
-65
ns
19
Peripheral Data set up to
STBN
⇑ 0ns
1
DSN width
65
-
ns
20
Peripheral Data hold after
STBN
⇑ 100
ns
2
Peripheral Data set up to
DSN
0
-
ns
21
DSN
⇓ to INTR ⇓ (note 4)
-
DS+
ns
100
3
Peripheral Data hold after
DSN
10
-
ns
22
Output valid from
DSN
⇑
-
100
ns
4
CSN, A1, A0 setup to DSN
⇓
0
-
ns
23
DSN
⇑ to OBFN ⇓
-
105
ns
5
CSN, A1, A0 hold after DSN
⇑
0
-
ns
24
ACKN
⇑ to OBFN ⇓
-50
ns
6
Data valid from
DSN
⇓
-60
ns
25
ACKN pulse width
100
-
ns
7
Data float from
DSN
⇑ (note 5)
10
100
ns
26
ACKN
⇑ INTR ⇑
-80
ns
8
Data set up to
DSN
⇓
20
-
ns
27
DSN
⇑ to OBFN ⇓
-
105
ns
9
Data hold after
DSN
⇑
30
-
ns
28
STBN pulse width
100
-
ns
10
CSN, A1, A0 setup to DSN
⇓
0
-
ns
29
STBN
⇓ to IBF ⇑
-65
ns
11
CSN, A1, A0 hold after DSN
⇑
20
-
ns
30
Peripheral Data set up to
STBN
⇑ 0-
ns
12
Output valid from
DSN
⇑
-
100
ns
31
Perlpheral Data hold after
STBN
⇑ 100
-
ns
14
STBN pulse width
100
-
ns
32
Output valid from
ACKN
⇓
-45
ns
15
STBN
⇓ to IBF ⇑
-
65
ns
33
Output float from
ACKN
⇑ (Note 5) 10
100
ns
16
STBN
⇑ to INTR ⇑
-65
ns
34
ACKN
⇓ to OBFN ⇑
-50
ns
17
DSN
⇓, to INTR ⇓
-65
ns
35
DSN
⇑ to IBF ⇓
-65
ns
Mil-Std-883, method 5005, subgroup 9, 10, 11.
1. VDD = 5V±10% and CCL = 50pF, over full operating temperature range.
2. Input Pulse VSS to 3.0 Volts.
3. Times Measurement Reference Level 1.5 Volts.
4.
DSN = Data Strobe Pulse Width.
5. Measured by a 1.0 Volt change in output voltage. Outputs tied to VSS via 680Ω.
Table 6: AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com