Electronic Components Datasheet Search
  English  ▼

X  

MA28155 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MA28155
Description  Radiation Hard Programmable Peripheral Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28155 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MA28155 Datasheet HTML 1Page - Dynex Semiconductor MA28155 Datasheet HTML 2Page - Dynex Semiconductor MA28155 Datasheet HTML 3Page - Dynex Semiconductor MA28155 Datasheet HTML 4Page - Dynex Semiconductor MA28155 Datasheet HTML 5Page - Dynex Semiconductor MA28155 Datasheet HTML 6Page - Dynex Semiconductor MA28155 Datasheet HTML 7Page - Dynex Semiconductor MA28155 Datasheet HTML 8Page - Dynex Semiconductor MA28155 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MA28155
3/20
Figure 2: Basic Mode Definitions and Bus Interface
Mode Definition Format (D7= 1)
Single Bit Set/Reset Feature
Any of the eight bits of Port C can be Set or Reset using a
single output instruction. This feature reduces software
requirements in control-based applications.
When Port C is being used as Status/Control for Port A or
B, these bits can be set or reset by using the Bit Set/Reset
operation just as if they were data output ports.
Interrupt Control Functions
When the MA28155 is programmed to operate in Mode 1
or 2, control signals are provided that can be used as interrupt
request inputs to the CPU (figure 4). The interrupt request
signals, generated from Port C, can be inhibited or enabled by
setting or resetting the associated INTE register bit, using the
Bit Set/Reset function of Port C.
This function allows the programmer to disallow or allow a
specific l/O device to interrupt the CPU, without affecting any
other device in the interrupt structure.
INTE register bit definitions:
(BIT-SET): INTE is SET -Interrupt enable
(BIT-RESET): INTE is RESET -Interrupt disable
Note: All mask register bits are automatically reset during
mode selection and device reset.
Bit Set/Reset Format (D7 = 0)
Figure 4: Bit Set/Reset Format (D7 = 0)
Figure 3: Mode Definition Format (D7 = 1)
RD/WN, DSN
A0 - A1, CSN
BIT No.
S
E
L
B0
B1
B2
A
A
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com