Electronic Components Datasheet Search
  English  ▼

X  

MA28155 Datasheet(PDF) 17 Page - Dynex Semiconductor

Part # MA28155
Description  Radiation Hard Programmable Peripheral Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28155 Datasheet(HTML) 17 Page - Dynex Semiconductor

Back Button MA28155 Datasheet HTML 12Page - Dynex Semiconductor MA28155 Datasheet HTML 13Page - Dynex Semiconductor MA28155 Datasheet HTML 14Page - Dynex Semiconductor MA28155 Datasheet HTML 15Page - Dynex Semiconductor MA28155 Datasheet HTML 16Page - Dynex Semiconductor MA28155 Datasheet HTML 17Page - Dynex Semiconductor MA28155 Datasheet HTML 18Page - Dynex Semiconductor MA28155 Datasheet HTML 19Page - Dynex Semiconductor MA28155 Datasheet HTML 20Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MA28155
17/20
PACKAGE OUTLINES & PIN ASSIGNMENTS
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.715
-
-
0.225
A1
0.38
-
1.53
0.015
-
0.060
b
0.35
-
0.59
0.014
-
0.023
c
0.20
-
0.36
0.008
-
0.014
D
-
-
51.31
-
-
2.020
e
-
2.54 Typ.
-
-
0.100 Typ.
-
e1
-
15.24 Typ.
-
-
0.600 Typ.
-
H
4.71
-
5.38
0.185
-
0.212
Me
-
-
15.90
-
-
0.626
Z
-
-
1.27
-
-
0.050
W
-
-
1.53
-
-
0.060
XG405
D
W
A
e
b
Z
H
A 1
15°
M
E
C
e 1
Seating Plane
1
20
40
21
Figure 19: 40-Lead Ceramic DIL (Solder Seal) - Package Style C
1
PA3
2
PA2
3
PA1
4
PA0
5
DSN
6
CSN
7
Vss
8
A1
9
A0
10
PC7
Top
View
11
PC6
12
PC5
13
PC4
14
PC0
15
PC1
16
PC2
17
PC3
18
PB0
19
PB1
20
PB2
40 PA4
39 PA5
38 PA6
37 PA7
36 RD/WN
35 RESET
34 D0
33 D1
32 D2
31 D3
30 D4
29 D5
28 D6
27 D7
26 Vdd
25 PB7
24 PB6
23 PB5
22 PB4
21 PB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com