Electronic Components Datasheet Search
  English  ▼

X  

ADP3650 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3650
Description  Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3650 Datasheet(HTML) 5 Page - Analog Devices

  ADP3650 Datasheet HTML 1Page - Analog Devices ADP3650 Datasheet HTML 2Page - Analog Devices ADP3650 Datasheet HTML 3Page - Analog Devices ADP3650 Datasheet HTML 4Page - Analog Devices ADP3650 Datasheet HTML 5Page - Analog Devices ADP3650 Datasheet HTML 6Page - Analog Devices ADP3650 Datasheet HTML 7Page - Analog Devices ADP3650 Datasheet HTML 8Page - Analog Devices ADP3650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADP3650
Rev. A | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
All voltages are referenced to PGND, unless otherwise noted.
Table 2.
Parameter
Rating
VCC
−0.3 V to +15 V
BST
DC
−0.3 V to VCC + 15 V
<200 ns
−0.3 V to +35 V
BST to SW
−0.3 V to +15 V
SW
DC
−5 V to +15 V
<200 ns
−10 V to +25 V
DRVH
DC
SW − 0.3 V to BST + 0.3 V
<200 ns
SW − 2 V to BST + 0.3 V
DRVL
DC
−0.3 V to VCC + 0.3 V
<200 ns
−2 V to VCC + 0.3 V
IN, OD
−0.3 V to +6.5 V
Operating Ambient Temperature Range
−40°C to +85°C
Junction Temperature Range
0°C to 150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOIC_N (R-8)
2-Layer Board
123
°C/W
4-Layer Board
90
°C/W
8-Lead LFCSP_VD1 (CP-8-2)
4-Layer Board
50
°C/W
1 For LFCSP_VD, θJA is measured per JEDEC STD with exposed pad soldered to PCB.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com