Electronic Components Datasheet Search
  English  ▼

X  

ADP3650 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3650
Description  Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3650 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3650 Datasheet HTML 3Page - Analog Devices ADP3650 Datasheet HTML 4Page - Analog Devices ADP3650 Datasheet HTML 5Page - Analog Devices ADP3650 Datasheet HTML 6Page - Analog Devices ADP3650 Datasheet HTML 7Page - Analog Devices ADP3650 Datasheet HTML 8Page - Analog Devices ADP3650 Datasheet HTML 9Page - Analog Devices ADP3650 Datasheet HTML 10Page - Analog Devices ADP3650 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADP3650
Rev. A | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
CH1 5V
CH3 10V
CH2 5V
M40ns
A CH1
2.4V
2
1
3
T 20.2%
DRVH
IN
DRVL
Figure 6. DRVH Rise and DRVL Fall Times,
CLOAD = 6 nF for DRVL, CLOAD = 2 nF for DRVH
CH1 5V
CH3 10V
CH2 5V
M40ns
A CH1
2.4V
2
1
3
T 20.2%
DRVH
IN
DRVL
Figure 7. DRVH Fall and DRVL Rise Times,
CLOAD = 6 nF for DRVL, CLOAD = 2 nF for DRVH
28
26
24
22
20
18
14
–40 –30 –20 –100
102030
40506070
80
JUNCTION TEMPERATURE (°C)
16
DRVL
DRVH
Figure 8. DRVH and DRVL Rise Times vs. Temperature
19.0
18.5
18.0
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
–40 –30 –20 –100
10
203040
50
607080
JUNCTION TEMPERATURE (°C)
DRVL
DRVH
Figure 9. DRVH and DRVL Fall Times vs. Temperature
40
5
2.0
5.0
LOAD CAPACITANCE (nF)
35
30
25
20
15
10
2.5
3.0
3.5
4.0
4.5
TA = 25°C
VCC = 12V
DRVH
DRVL
Figure 10. DRVH and DRVL Rise Times vs. Load Capacitance
35
5
2.0
5.0
LOAD CAPACITANCE (nF)
30
25
20
15
10
2.5
3.0
3.5
4.0
4.5
VCC = 12V
TA = 25°C
DRVH
DRVL
Figure 11. DRVH and DRVL Fall Times vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com