Electronic Components Datasheet Search
  English  ▼

X  

ADP3650 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3650
Description  Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3650 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3650 Datasheet HTML 2Page - Analog Devices ADP3650 Datasheet HTML 3Page - Analog Devices ADP3650 Datasheet HTML 4Page - Analog Devices ADP3650 Datasheet HTML 5Page - Analog Devices ADP3650 Datasheet HTML 6Page - Analog Devices ADP3650 Datasheet HTML 7Page - Analog Devices ADP3650 Datasheet HTML 8Page - Analog Devices ADP3650 Datasheet HTML 9Page - Analog Devices ADP3650 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP3650
Rev. A | Page 6 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
OD
1
IN
2
BST
3
VCC
4
DRVH
8
SW
7
PGND
6
DRVL
5
ADP3650
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC_N Pin Configuration
PIN 1
INDICATOR
1
2
3
4
7
8
6
5
TOP VIEW
(Not to Scale)
OD
BST
VCC
DRVH
NOTES
1. IT IS RECOMMENDED THAT THE
EXPOSED PAD AND THE PGND PIN
BE CONNECTED ON THE PCB.
SW
PGND
DRVL
ADP3650
IN
Figure 5. 8-Lead LFCSP_VD Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BST
Upper MOSFET Floating Bootstrap Supply. A capacitor connected between the BST and SW pins holds this
bootstrapped voltage for the high-side MOSFET while it is switching.
2
IN
Logic Level PWM Input. This pin has primary control of the drive outputs. In normal operation, pulling this pin
low turns on the low-side driver; pulling it high turns on the high-side driver.
3
OD
Output Disable. When low, this pin disables normal operation, forcing DRVH and DRVL low.
4
VCC
Input Supply. This pin should be bypassed to PGND with an ~1 μF ceramic capacitor.
5
DRVL
Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) MOSFET.
6
PGND
Power Ground. This pin should be closely connected to the source of the lower MOSFET. This pin is not internally
connected to the exposed pad on the LFCSP. It is recommended that this pin and the exposed pad be
connected on the PCB.
7
SW
Switch Node Connection. This pin is connected to the buck switching node, close to the upper MOSFET source.
It is the floating return for the upper MOSFET drive signal. It is also used to monitor the switched voltage to
prevent the lower MOSFET from turning on until the voltage is below ~1 V.
8
DRVH
Buck Drive. Output drive for the upper (buck) MOSFET.
EP
Exposed pad
For the LFCSP, the exposed pad and the PGND pin should be connected on the PCB. For more information
about exposed pad packages, see the AN-772 Application Note at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com