Electronic Components Datasheet Search
  English  ▼

X  

ADP3650 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3650
Description  Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3650 Datasheet(HTML) 1 Page - Analog Devices

  ADP3650 Datasheet HTML 1Page - Analog Devices ADP3650 Datasheet HTML 2Page - Analog Devices ADP3650 Datasheet HTML 3Page - Analog Devices ADP3650 Datasheet HTML 4Page - Analog Devices ADP3650 Datasheet HTML 5Page - Analog Devices ADP3650 Datasheet HTML 6Page - Analog Devices ADP3650 Datasheet HTML 7Page - Analog Devices ADP3650 Datasheet HTML 8Page - Analog Devices ADP3650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual, Bootstrapped, 12 V MOSFET
Driver with Output Disable
ADP3650
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2010 Analog Devices, Inc. All rights reserved.
FEATURES
All-in-one synchronous buck driver
Bootstrapped high-side drive
One PWM signal generates both drives
Anti-crossconduction protection circuitry
OD for disabling the driver outputs
APPLICATIONS
Telecom and datacom networking
Industrial and medical systems
Point of load conversion: memory, DSP, FPGA, ASIC
GENERAL DESCRIPTION
The ADP3650 is a dual, high voltage MOSFET driver optimized
for driving two N-channel MOSFETs, the two switches in a
nonisolated synchronous buck power converter. Each driver is
capable of driving a 3000 pF load with a 45 ns propagation delay
and a 25 ns transition time. One of the drivers can be boot-
strapped and is designed to handle the high voltage slew rate
associated with floating high-side gate drivers. The ADP3650
includes overlapping drive protection to prevent shoot-through
current in the external MOSFETs.
The OD pin shuts off both the high-side and the low-side
MOSFETs to prevent rapid output capacitor discharge during
system shutdown.
The ADP3650 is specified over the temperature range of −40°C
to +85°C and is available in 8-lead SOIC_N and 8-lead LFCSP_VD
packages.
FUNCTIONAL BLOCK DIAGRAM
2
3
OD
IN
ADP3650
VCC
BST
DRVH
SW
DRVL
PGND
DELAY
VCC
6
DELAY
CMP
CMP
1V
4
1
7
CONTROL
LOGIC
6
5
8
RBST
RG
CBST1
D1
CBST2
12V
Q1
TO
INDUCTOR
Q2
R1
LATCH
R2
Q
S
Figure 1.


Similar Part No. - ADP3650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3654 AD-ADP3654 Datasheet
297Kb / 12P
High Speed, Dual, 4 A MOSFET Driver
REV. 0
ADP3654ARDZ-RL AD-ADP3654ARDZ-RL Datasheet
297Kb / 12P
High Speed, Dual, 4 A MOSFET Driver
REV. 0
ADP3654ARHZ-RL AD-ADP3654ARHZ-RL Datasheet
297Kb / 12P
High Speed, Dual, 4 A MOSFET Driver
REV. 0
More results

Similar Description - ADP3650

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
8/04-Data Sheet Changed from Rev. A to Rev. B
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
7/05-Revision 0
ADP3118 AD-ADP3118 Datasheet
370Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
4/05-Revision 0
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
6/05-Revision 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com