Electronic Components Datasheet Search
  English  ▼

X  

ADP3650 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3650
Description  Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3650 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3650 Datasheet HTML 4Page - Analog Devices ADP3650 Datasheet HTML 5Page - Analog Devices ADP3650 Datasheet HTML 6Page - Analog Devices ADP3650 Datasheet HTML 7Page - Analog Devices ADP3650 Datasheet HTML 8Page - Analog Devices ADP3650 Datasheet HTML 9Page - Analog Devices ADP3650 Datasheet HTML 10Page - Analog Devices ADP3650 Datasheet HTML 11Page - Analog Devices ADP3650 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP3650
Rev. A | Page 8 of 12
60
0
0
FREQUENCY (kHz)
45
30
15
200
400
600
800
1000
1200
1400
TA= 25°C
VCC = 12V
CLOAD = 3nF
Figure 12. Supply Current vs. Frequency
13
9
0
125
JUNCTION TEMPERATURE (°C)
12
11
10
25
50
75
100
VCC = 12V
CLOAD = 3nF
fIN = 250kHz
Figure 13. Supply Current vs. Temperature
12
0
01
VCC (V)
2
11
10
9
8
7
6
5
4
3
2
1
123456789
10
11
TA = 25°C
CLOAD = 3nF
Figure 14. DRVL Output Voltage vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com