Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 45Page - Cirrus Logic CS4207 Datasheet HTML 46Page - Cirrus Logic CS4207 Datasheet HTML 47Page - Cirrus Logic CS4207 Datasheet HTML 48Page - Cirrus Logic CS4207 Datasheet HTML 49Page - Cirrus Logic CS4207 Datasheet HTML 50Page - Cirrus Logic CS4207 Datasheet HTML 51Page - Cirrus Logic CS4207 Datasheet HTML 52Page - Cirrus Logic CS4207 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
DS880F4
49
CS4207
6.4.7
Converter Stream, Channel
Get Parameter Command Format:
Set Parameter Command Format:
Response Format:
6.4.8
Converter Format
Get Parameter Command Format:
Set Parameter Command Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
DAC1 Node ID=02h
DAC2 Node ID=03h
DAC3 Node ID=04h
Verb ID = F06h
Payload = 00h
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
DAC1 Node ID=02h
DAC2 Node ID=03h
DAC3 Node ID=04h
Verb ID = 706h
Payload = xxh
Bits
Type
Default
Description
31:8
Read Only
000000h
Reserved
7:4
Read/Write
0h
Stream Number (SN): This field is written by
software to indicate the stream number used by
the Output Converter. “0h” is stream 0, “1h” is
stream 1, etc.
By convention, stream 0 is reserved and unused
so that converter whose stream number has
been reset to “0h” does not unintentionally
decode data not intended for them.
3:0
Read/Write
0h
Lowest Channel Number (LCN): This field is
written by software to indicate the lowest channel
used by the Output Converter. The stereo con-
verter will use this LCN value plus 1 for its left
and right channel.
Bits [31:28]
Bits [27:20]
Bits [19:16]
Bits [15:0]
CAd = X
DAC1 Node ID=02h
DAC2 Node ID=03h
DAC3 Node ID=04h
Verb ID = Ah
Payload = 0000h
Bits [31:28]
Bits [27:20]
Bits [19:16]
Bits [15:0]
CAd = X
DAC1 Node ID=02h
DAC2 Node ID=03h
DAC3 Node ID=04h
Verb ID = 2h
Payload = xxxxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com