Electronic Components Datasheet Search
  English  ▼

X  

CS4207 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4207
Description  Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4207 Datasheet HTML 12Page - Cirrus Logic CS4207 Datasheet HTML 13Page - Cirrus Logic CS4207 Datasheet HTML 14Page - Cirrus Logic CS4207 Datasheet HTML 15Page - Cirrus Logic CS4207 Datasheet HTML 16Page - Cirrus Logic CS4207 Datasheet HTML 17Page - Cirrus Logic CS4207 Datasheet HTML 18Page - Cirrus Logic CS4207 Datasheet HTML 19Page - Cirrus Logic CS4207 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 148 page
background image
16
DS880F4
CS4207
ADC DIGITAL FILTER CHARACTERISTICS
6.
Response is clock dependent and will scale with Fs.
Parameter (Note 6)
Min
Typ
Max
Unit
Passband (Frequency Response)
to -0.1 dB corner
0
-
.4535
Fs
Passband Ripple
-0.09
-
0.17
dB
Stopband
0.6
-
-
Fs
Stopband Attenuation
70
-
-
dB
Total Group Delay
-
7.6/Fs
-
s
High-Pass Filter Characteristics
(48 kHz Fs)
Frequency Response
-3.0 dB
-0.13 dB
-
-
3.6
24.2
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
-
10
-
Deg
Passband Ripple
-
-
0.17
dB
Filter Settling Time
-
105/Fs
0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com