| Electronic Components Datasheet Search |
|
CS4207 Datasheet(PDF) 29 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4207 Datasheet(HTML) 29 Page - Cirrus Logic |
|
29 / 148 page ![]() DS880F4 29 CS4207 4.7 Register Settings Across Resets The CS4207 will perform a complete Power On Reset (POR) initialization if the voltage is cycled from off to on from the VD pin of the device. All registers will be initialized to the default state. For device behavior due to other system reset conditions or power state transitions events, see the table below. Setting Action with Link Reset Action with “Double”Function Group reset Action with “Single” Function Group reset Action across D0/D3 state transitions or link BITCLK stopped Unique codec physi- cal address (SDI) Requires codec initial- ization sequence to acquire new unique address. Persist across “Double” FG reset. Persist across “Single” FG reset. Persist across Dx state transitions or BITCLK stopped. Converter Format; Type, Base, Mult, Div, Bits Chan fields (verb ID = A00/2xx) Persist across Link Reset. Settings are reset to POR default value. PS-SettingsReset set to ‘1’b. Persist across “Single” FG reset. Persist across Dx state transitions or BITCLK stopped. Amplifier Gain/Mute (verb ID = Bxx/3xx) Index, Mute and Gain settings persist across Link Reset. Settings are reset to POR default value. PS-SettingsReset set to ‘1’b. Index, Mute and Gain settings persist across “Single” FG reset. Index, Mute and Gain settings persist across Dx state transitions or BITCLK stopped. Connection Select Control (verb ID = F01/701) Persist across Link Reset. Settings are reset to POR default value. PS-SettingsReset set to ‘1’b. Persist across “Single” FG reset. Persist across Dx state transitions or BITCLK stopped. Power States for the function group and individual widgets (verb ID = F05/705) Power State persist across Link Reset. Power State persist across “Double” FG reset. Power State persist across “Single” FG reset. Persist across BIT- CLK stopped. PS-Act and PS-Set will be updated to the cur- rent power state across Dx state transi- tions. Converter Stream & Channel settings e.g. Stream number and lowest Channel number (verb ID = F06/706) Reset to default by Link reset and does not set PS-Setting- sReset to ‘1’b. Reset to default by “Double” FG reset and does not set PS-Set- tingsReset to ‘1’b. Reset to default by “Single” FG reset and does not set PS-Set- tingsReset to ‘1’b. Reset to default across Dx state transi- tions and does not set PS-SettingsReset to ‘1’b. Pin Widget Controls; In/Out Enables, Vref (verb ID = F07/707) Persist across Link Reset. Settings are reset to POR default value. PS-SettingsReset set to ‘1’b. Persist across “Single” FG reset. Persist across Dx state transitions or BITCLK stopped. Unsolicited Response control; Enable and Tag (verb ID = F08/708) Persist across Link Reset. Settings are reset to POR default value. PS-SettingsReset set to ‘1’b. Persist across “Single” FG reset. Persist across Dx state transitions or BITCLK stopped. Table 1. Register Settings Across Reset Conditions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |